Electronic Components Datasheet Search
  English  ▼

X  

B59945C0120A070 Datasheet (PDF) - EPCOS

B59945C0120A070 Datasheet PDF - EPCOS
Part # B59945C0120A070
Download  B59945C0120A070 Download
File Size   149.43 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V

B59945C0120A070 Datasheet (PDF)

Go To PDF Page Download Datasheet
B59945C0120A070 Datasheet PDF - EPCOS

Part # B59945C0120A070
Download  B59945C0120A070 Click to download

File Size   149.43 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V

B59945C0120A070 Datasheet (HTML) - EPCOS




Similar Part No. - B59945C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59945C0120A070 EPCOS-B59945C0120A070 Datasheet
307Kb / 10P
PTC thermistors for overcurrent protection
B59945C0120A070 EPCOS-B59945C0120A070 Datasheet
305Kb / 10P
PTC thermistors for overcurrent protection
B59945C0120A070 EPCOS-B59945C0120A070 Datasheet
305Kb / 10P
PTC thermistors for overcurrent protection
B59945C0120A070 EPCOS-B59945C0120A070 Datasheet
305Kb / 10P
PTC thermistors for overcurrent protection
B59945C0120A070 EPCOS-B59945C0120A070 Datasheet
149Kb / 10P
PTC thermistors for overcurrent protection
More results


Similar Description - B59945C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59935 EPCOS-B59935 Datasheet
82Kb / 5P
Overcurrent Protection Leaded Disks, Coated
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
B59910 EPCOS-B59910 Datasheet
144Kb / 10P
Overcurrent Protection Leaded Disks, Coated
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
886Kb / 13P
Leaded disks, coated, 63 V
B59830C0160A070 EPCOS-B59830C0160A070 Datasheet
83Kb / 5P
Leaded Disks, Coated, 110 V
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
PTC Thermistors for Overcurrent Protection
B59884C0120A070 EPCOS-B59884C0120A070_11 Datasheet
245Kb / 9P
PTC thermistors for overcurrent protection Leaded disks, coated, 380 V, 500 V
B59750B0120A070 EPCOS-B59750B0120A070_11 Datasheet
408Kb / 13P
PTC thermistors for overcurrent protection Leaded disks, uncoated, 380 to 1000 V
B59930C0080A070 EPCOS-B59930C0080A070_12 Datasheet
349Kb / 15P
PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
PTC thermistors for overcurrent protection
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com