Electronic Components Datasheet Search
  English  ▼

X  

BD5259FVE-TR Datasheet (PDF) - Rohm

BD5259FVE-TR Datasheet PDF - Rohm
Part # BD5259FVE-TR
Download  BD5259FVE-TR Download
File Size   400.42 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Delay Time Controlled by external Capacitor, Two output types

BD5259FVE-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
BD5259FVE-TR Datasheet PDF - Rohm

Part # BD5259FVE-TR
Download  BD5259FVE-TR Click to download

File Size   400.42 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Delay Time Controlled by external Capacitor, Two output types

BD5259FVE-TR Datasheet (HTML) - Rohm


BD5259FVE-TR Product details

Description
ROHM’s BD52□□G/FVE and BD53□□G/FVE series are highly accurate, low current consumption reset IC series with a built-in delay circuit. The lineup was established with tow output types (Nch open drain and CMOS output) and detection voltages range from 2.3V to 6.0V in increments of 0.1V, so that the series may be selected according the application at hand.

Features
1)  Detection voltage: 2.3V to 6.0V (Typ.), 0.1V steps
2)  High accuracy detection voltage: ±1.0%
3)  Ultra-low current consumption: 0.8µA (Typ.)
4)  Nch open drain output (BD52□□G/FVE), CMOS output (BD53□□G/FVE)
5)  Compact packages  VSOF5: BD52□□FVE, BD53□□FVE
                                      SSOP5: BD52□□G, BD53□□G




Similar Part No. - BD5259FVE-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5259FVE-TR ROHM-BD5259FVE-TR Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5259FVE-TR ROHM-BD5259FVE-TR Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5259FVE-TR ROHM-BD5259FVE-TR Datasheet
410Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5259FVE-TR ROHM-BD5259FVE-TR Datasheet
474Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5259FVE-TR ROHM-BD5259FVE-TR Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Similar Description - BD5259FVE-TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
Voltage Detector with External Delay Type Capacitor
logo
Rohm
BD5242G-TR ROHM-BD5242G-TR Datasheet
400Kb / 16P
Delay time controlled by extemal capacitor
logo
M/A-COM Technology Solu...
MAOC-009871 MA-COM-MAOC-009871 Datasheet
263Kb / 6P
Voltage Controlled Oscillator 9.2 - 10.2 GHz Divide-by-Two Output
logo
Seiko Instruments Inc
S1003 SII-S1003 Datasheet
681Kb / 42P
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1004 SII-S1004 Datasheet
2Mb / 42P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
Sanken electric
LC5710S SANKEN-LC5710S Datasheet
2Mb / 42P
Operation Types: The following converter types are applicable by the external circuit configuration
logo
Texas Instruments
BQ771600 TI1-BQ771600_15 Datasheet
884Kb / 23P
External Delay Capacitor
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com