Electronic Components Datasheet Search
  English  ▼

X  

DTC114EE Datasheet (PDF) - Rohm

DTC114EE Datasheet PDF - Rohm
Part # DTC114EE
Download  DTC114EE Download
File Size   571.27 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistors

DTC114EE Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC114EE Datasheet PDF - Rohm

Part # DTC114EE
Download  DTC114EE Click to download

File Size   571.27 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistors

DTC114EE Datasheet (HTML) - Rohm


DTC114EE Product details

Features
1) Built-In Biasing Resistors, R1 = R2 = 10kW.
2) Built-in bias resistors enable the configuration of an inverter circuit without connecting
   external input resistors (see inner circuit).
3) The bias resistors consist of thin-film resistors with complete isolation to allow negative
   biasing of the input. They also have the advantage of completely eliminating parasitic effects.
4) Only the on/off conditions need to be set for operation, making the circuit design easy.
5) Complementary PNP Types :DTA114E series
6) Complex transistors :EMH11 /UMH11N /IMH11A/EMG9 /UMG9N/ FMG9A (NPN type)
7) Lead Free/RoHS Compliant.

Application
   Switching circuit, Inverter circuit, Interface circuit, Driver circuit




Similar Part No. - DTC114EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114EE ROHM-DTC114EE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC114EE ROHM-DTC114EE Datasheet
90Kb / 4P
Digital transistors (built-in resistors)
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE Datasheet
429Kb / 13P
Bias Resistor Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
DTC114EE SECOS-DTC114EE Datasheet
511Kb / 2P
Digital Transistors NPN (Built-in Resistors)
logo
Rohm
DTC114EE ROHM-DTC114EE Datasheet
167Kb / 4P
100mA / 50V Digital transistors (with built-in resistors)
More results


Similar Description - DTC114EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
NPN 100mA 50V Digital Transistors
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistors
DTC114ECA ROHM-DTC114ECA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistors
DTC015T ROHM-DTC015T Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
NPN 100mA 50V Digital Transistors
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com