Electronic Components Datasheet Search
  English  ▼

X  

ISL62882CEVAL2Z Datasheet (PDF) - Intersil Corporation

ISL62882CEVAL2Z Datasheet PDF - Intersil Corporation
Part # ISL62882CEVAL2Z
Download  ISL62882CEVAL2Z Download
File Size   96.23 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs

ISL62882CEVAL2Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL62882CEVAL2Z Datasheet PDF - Intersil Corporation

Part # ISL62882CEVAL2Z
Download  ISL62882CEVAL2Z Click to download

File Size   96.23 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs

ISL62882CEVAL2Z Datasheet (HTML) - Intersil Corporation


ISL62882CEVAL2Z Product details

Description
The ISL62882C is a multiphase PWM buck regulator for miroprocessor or graphics processor core power supply. The multiphase buck converter uses interleaved phases to reduce the total output voltage ripple with each phase carrying a portion of the total load current, providing better system performance, superior thermal management, lower component cost, reduced power dissipation, and smaller implementation area. The ISL62882C uses two integrated gate drivers to provide a complete solution. The PWM modulator is based on Intersils Robust Ripple Regulator (R3) technology™. Compared with traditional modulators, the R3™ modulator commands variable switching frequency during load transients, achieving faster transient response. With the same modulator, the switching frequency is reduced at light load, increasing the regulator efficiency.

Key Features
    Programmable 1- or 2-Phase CPU or GPU Mode Operation
    Precision Multiphase Core Voltage Regulation
        0.5% System Accuracy Over-Temperature
        Enhanced Load Line Accuracy
    Microprocessor Voltage Identification Input
        7-Bit VID Input, 0V to 1.500V in 12.5mV Steps
        Supports VID Changes On-The-Fly
    Supports Multiple Current Sensing Methods
        Lossless Inductor DCR Current Sensing
        Precision Resistor Current Sensing
    Supports PSI# and DPRSLPVR modes
    Superior Noise Immunity and Transient Response
    Current Monitor and Thermal Monitor
    Differential Remote Voltage Sensing
    High Efficiency Across Entire Load Range
    Two Integrated Gate Drivers
    Excellent Dynamic Current Balance Between Phases
    Split LGATE1 Drivers Increases Light Load Efficiency
    FB2 Function Optimizes 1-Phase Mode Performance
    Adaptive Body Diode Conduction Time Reduction
    User-selectable Overshoot Reduction Function
    Small Footprint 40 Ld 5x5 TQFN Packages
    Pb-Free (RoHS Compliant)

Applications
    Notebook Core Voltage Regulator
    Notebook GPU Voltage Regulator




Similar Part No. - ISL62882CEVAL2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
ISL62882B INTERSIL-ISL62882B Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
ISL62882B INTERSIL-ISL62882B Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
More results


Similar Description - ISL62882CEVAL2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
February 25, 2010
ISL62883C INTERSIL-ISL62883C Datasheet
1Mb / 43P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62882IRTZ INTERSIL-ISL62882IRTZ Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com