Electronic Components Datasheet Search
  English  ▼

X  

MAX16930 Datasheet (PDF) - Maxim Integrated Products

MAX16930 Datasheet PDF - Maxim Integrated Products
Part # MAX16930
Download  MAX16930 Download
File Size   1698.24 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current

MAX16930 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16930 Datasheet PDF - Maxim Integrated Products

Part # MAX16930
Download  MAX16930 Click to download

File Size   1698.24 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current

MAX16930 Datasheet (HTML) - Maxim Integrated Products


MAX16930 Product details

General Description

The MAX16930/MAX16931 offer two high-voltage, synchronous step-down controllers and a step-up preboost controller. They operate with an input voltage supply from 2V to 42V with preboost active and can operate in drop-out condition by running at 95% duty cycle. The devices are intended for applications with mid- to high-power requirements that operate at a wide input voltage range such as during automotive cold-crank or engine stop-start conditions.



Features

Dual, 2MHz Step-Down Controllers

Preboost for Operation to 2V

180° Out-of-Phase Operation

50ns Minimum On-Time Allows 3.3V Output from Car Battery at 2.2MHz

20µA Operating Current

Wide Input Supply Range from 3.5V to 36V (with out Preboost)

Resistor Programmable Frequency Between 200kHz and 2.2MHz

Q1% Output-Voltage Accuracy: 5.0V/3.3V Fixed or Adjustable Between 1V and 10V

Current-Mode Controllers with Forced Continuous and Skip Modes

Frequency Synchronization Input

Supply Overvoltage and Undervoltage Lockout

Overtemperature and Short-Circuit Protection

Thermally Enhanced 40-Pin TQFN-EP Package

-40℃ to +125℃ Operating Temperature



Applications

POL Applications for Automotive Power

Distributed DC Power Systems

Navigation and Radio Head Units




Similar Part No. - MAX16930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1693 MAXIM-MAX1693 Datasheet
143Kb / 8P
USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX1693-MAX1694 MAXIM-MAX1693-MAX1694 Datasheet
143Kb / 8P
USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
MAX16932 MAXIM-MAX16932 Datasheet
580Kb / 11P
fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
MAX16932EVKIT MAXIM-MAX16932EVKIT Datasheet
580Kb / 11P
fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
More results


Similar Description - MAX16930

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
logo
Maxim Integrated Produc...
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
logo
Linear Technology
LT3971A LINER-LT3971A_15 Datasheet
357Kb / 24P
38V, 1.3A, 2MHz Step-Down Regulator with 2.2A Quiescent Current
LT3971-3.3 LINER-LT3971-3.3_15 Datasheet
633Kb / 28P
38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-5 LINER-LT3971-5_15 Datasheet
633Kb / 28P
38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
logo
Maxim Integrated Produc...
MAX17230 MAXIM-MAX17230 Datasheet
1Mb / 29P
2V–36V, Synchronous Dual Buck Controller with Integrated Boost and 20μA Quiescent Current
MAX20034 MAXIM-MAX20034 Datasheet
2Mb / 24P
Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
logo
Dialog Semiconductor
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
logo
Renesas Technology Corp
DA9231 RENESAS-DA9231 Datasheet
2Mb / 57P
Ultra-Low Quiescent Current Buck and LDO
25-Feb-2022
logo
Analog Devices
MAX42408 AD-MAX42408 Datasheet
954Kb / 19P
36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
19-101749; Rev 0; 11/23
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com