Electronic Components Datasheet Search
  English  ▼

X  

MAX5805 Datasheet (PDF) - Maxim Integrated Products

MAX5805 Datasheet PDF - Maxim Integrated Products
Part # MAX5805
Download  MAX5805 Download
File Size   3290.91 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface

MAX5805 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5805 Datasheet PDF - Maxim Integrated Products

Part # MAX5805
Download  MAX5805 Click to download

File Size   3290.91 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface

MAX5805 Datasheet (HTML) - Maxim Integrated Products


MAX5805 Product details

General Description
The MAX5803/MAX5804/MAX5805 single-channel, low-power, 8-/10-/12-bit, voltage-output this is an addition to content digital-to-analog converters (DACs) include output buffers and an internal reference that is selectable to be 2.048V, 2.500V, or 4.096V. The MAX5803/MAX5804/MAX5805 accept a wide supply voltage range of 2.7V to 5.5V with extremely low power (< 1mW) consumption to accommodate most low-voltage applications. A precision external reference input allows rail-to-rail operation and presents a 100kI (typ) load to an external reference.

Benefits and Features
♦ Single High-Accuracy DAC Channel
    ◇ 12-Bit Accuracy Without Adjustments
    ◇ ±1 LSB INL Buffered Voltage Output
    ◇ Guaranteed Monotonic Over All Operating Conditions
♦ Three Precision Selectable Internal References
    ◇ 2.048V, 2.500V, or 4.096V
♦ Internal Output Buffer
    ◇ Rail-to-Rail Operation with External Reference
    ◇ 6.3µs Settling Time
    ◇ Output Directly Drives 2kI Loads
♦ Small, 10-Pin, 2mm x 3mm TDFN and 3mm x 5mm µMAX Packages
♦ Wide 2.7V to 5.5V Supply Range
♦ Fast 400kHz I2C-Compatible, 2-Wire Serial Interface with Readback Capability
♦ Power-On-Reset to Zero-Scale DAC Output
♦ User-Configurable Asynchronous I/O Functions: CLR, LDAC, GATE
♦ Three Software-Selectable Power-Down Output Impedances: 1kI, 100kI, or High Impedance
♦ Low 155µA DAC Supply Current at 3V

Applications
    Programmable Voltage and Current Sources
    Gain and Offset Adjustment
    Automatic Tuning and Optical Control
    Power Amplifier Control and Biasing
    Process Control and Servo Loops
    Portable Instrumentation
    Data Acquisition




Similar Part No. - MAX5805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5801 MAXIM-MAX5801 Datasheet
4Mb / 31P
Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5802 MAXIM-MAX5802 Datasheet
4Mb / 31P
Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
More results


Similar Description - MAX5805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com