Electronic Components Datasheet Search
  English  ▼

X  

IDT74FCT163244CPVG Datasheet (PDF) - Integrated Device Technology

IDT74FCT163244CPVG Datasheet PDF - Integrated Device Technology
Part # IDT74FCT163244CPVG
Download  IDT74FCT163244CPVG Download
File Size   84.34 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS 16-BIT BUFFER/LINE DRIVER

IDT74FCT163244CPVG Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT163244CPVG Datasheet PDF - Integrated Device Technology

Part # IDT74FCT163244CPVG
Download  IDT74FCT163244CPVG Click to download

File Size   84.34 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS 16-BIT BUFFER/LINE DRIVER

IDT74FCT163244CPVG Datasheet (HTML) - Integrated Device Technology


IDT74FCT163244CPVG Product details

DESCRIPTION:
The FCT163244 16-bit buffer/line drivers are built using advanced dual metal CMOS technology. These high-speed, low-power devices offer bus/backplane interface capability with improved packing density. These devices have a flow-through organization for simplifying board layout. The three-state controls operate these devices in a Quad-Nibble, Dual-Byte or single 16-bit word mode. All inputs are designed with hysteresis for improved noise margin.

FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
   machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range, or VCC = 2.7V to 3.6V, Extended
   Range
• CMOS power levels (0.4μ W typ. static)
• Rail-to-rail output swing for increased noise margin
• Low Ground Bounce (0.3V typ.)
• Inputs (except I/O) can be driven by 3.3V or 5V components
• Available in SSOP, TSSOP, and TVSOP packages




Similar Part No. - IDT74FCT163244CPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163244CPV IDT-IDT74FCT163244CPV Datasheet
108Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Similar Description - IDT74FCT163244CPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
3.3V, 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LPT16244 PERICOM-PI74LPT16244_08 Datasheet
408Kb / 6P
3.3V, 16-Bit Buffer/Line Driver
logo
Integrated Device Techn...
IDT74ALVC16244A IDT-IDT74ALVC16244A_16 Datasheet
93Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVC16244A IDT-IDT74LVC16244A_15 Datasheet
107Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVC162244A IDT-IDT74LVC162244A_15 Datasheet
107Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com