Electronic Components Datasheet Search
  English  ▼

X  

MIC38C43BMM Datasheet (PDF) - Micrel Semiconductor

MIC38C43BMM Datasheet PDF - Micrel Semiconductor
Part # MIC38C43BMM
Download  MIC38C43BMM Download
File Size   348.8 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description BiCMOS Current-Mode PWM Controllers

MIC38C43BMM Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC38C43BMM Datasheet PDF - Micrel Semiconductor

Part # MIC38C43BMM
Download  MIC38C43BMM Click to download

File Size   348.8 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description BiCMOS Current-Mode PWM Controllers

MIC38C43BMM Datasheet (HTML) - Micrel Semiconductor


MIC38C43BMM Product details

General Description

The MIC38C4x are fixed frequency, high performance, current-mode PWM controllers. Micrel’s BiCMOS devices are pin compatible with 384x bipolar devices but feature several improvements.



Features

•  Fast 40ns output rise and 30ns output fall times

•  –40°C to +85°C temperature range meets UC284x specifications

•  High-performance, low-power BiCMOS Process

•  Ultralow start-up current (50µA typical)

•  Low operating current (4mA typical)

•  CMOS outputs with rail-to-rail swing

•  ≥ 500kHz current-mode operation

•  Trimmed 5V bandgap reference

•  Pin-for-pin compatible with UC3842/3843/3844/3845(A)

•  Trimmed oscillator discharge current

•  UVLO with hysteresis

•  Low cross-conduction currents



Features

•  Fast 40ns output rise and 30ns output fall times

•  –40°C to +85°C temperature range

meets UC284x specifications

•  High-performance, low-power BiCMOS Process

•  Ultralow start-up current (50µA typical)

•  Low operating current (4mA typical)

•  CMOS outputs with rail-to-rail swing

•  ≥ 500kHz current-mode operation

•  Trimmed 5V bandgap reference

•  Pin-for-pin compatible with UC3842/3843/3844/3845(A)

•  Trimmed oscillator discharge current

•  UVLO with hysteresis

•  Low cross-conduction currents




Similar Part No. - MIC38C43BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C43BMM MICREL-MIC38C43BMM Datasheet
345Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C43BMM MICREL-MIC38C43BMM Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C43BMM MICREL-MIC38C43BMM Datasheet
354Kb / 11P
BiCMOS Current-Mode PWM Controllers
More results


Similar Description - MIC38C43BMM

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
BiCMOS CURRENT MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
BiCMOS Current-Mode PWM Controllers
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com