Electronic Components Datasheet Search
  English  ▼

X  

MCF5206EUD Datasheet (PDF) - Freescale Semiconductor, Inc

MCF5206EUD Datasheet PDF - Freescale Semiconductor, Inc
Part # MCF5206EUD
Download  MCF5206EUD Download
File Size   274.56 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description ColdFire Version 2 core, 32-bit data base

MCF5206EUD Datasheet (PDF)

Go To PDF Page Download Datasheet
MCF5206EUD Datasheet PDF - Freescale Semiconductor, Inc

Part # MCF5206EUD
Download  MCF5206EUD Click to download

File Size   274.56 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description ColdFire Version 2 core, 32-bit data base

MCF5206EUD Datasheet (HTML) - Freescale Semiconductor, Inc


MCF5206EUD Product details

The MCF5206e integrated microprocessor combines a ColdFire® core with several peripheral

functions such as a DRAM controller, timers, parallel and serial interfaces, and system integration. This device is an enhanced version of the MCF5206, which is in production today. Not only does the MCF5206e provide a performance upgrade to the MCF5206 due to the increased 4-Kbyte I-cache, 8-Kbyte SRAM and increased frequency, but this device also integrates an additional multiply accumulate (MAC) unit, hardware divide, and two-channel DMA to the device while maintaining pin compatibility with the MCF5206.



Features List

The following are the primary features of the MCF5206e integrated processor:

• ColdFire Version 2 core

— Variable-length RISC

— 32-bit internal address bus with 28-bit external bus; chip select and DRAM decoding use

internal 32 bit

— 32-bit data base

— 16 user-visible 32-bit wide registers

— Supervisor and user modes for system protection

— Vector base register to relocate exception-vector table

— Optimized for high level language constructs

— 50 MIPS at 54 MHz

• Multiply accumulate

— High speed, complex arithmetic functions for signal processing applications

— Single clock issue rate with 3-stage execution pipeline

— One MAC cycle for 16x16 and 32x32 multiplies, all with 32-bit accumulate

— Four-Kbyte direct-mapped instruction cache

— Eight-Kbyte on-chip SRAM that provides one-cycle access to critical code and data

• DRAM controller

— Programmable refresh timer provides CAS before RAS refresh

— Support for 2 separate memory banks

— Support for fast page mode DRAMs and extended-data-out (EDO) DRAMs

— External bus master access

• DMA controller

— Two fully programmable channels with external request pins supporting dual-address and

single address transfers with 32-bit capability

— Two address pointers per channel that can increment or remain constant

— 16-bit transfer counter per channel

— Operand packing and unpacking

— Auto-alignment transfers for efficient block movement

— Bursting and cycle stealing

— Two clock-cycle internal access

• Two universal synchronous/asynchronous receiver/transmitters (UARTs)

— Full duplex operation

— Baud-rate generator

— Modem control signals (CTS, RTS)

— Processor-interrupt capability

• Dual 16-bit general-purpose multimode timers

— 8-bit prescaler

— Timer input and output pins

— 12 ns resolution with 54 MHz system clock

— Processor interrupt capability

• Motorola bus (M-Bus) module

— Interchip bus interface for EEPROMs, LCD controllers, A/D converters, keypads

— Compatible with industry-standard I2C bus

— Master or slave modes supporting multiple masters

— Automatic interrupt generation with programmable level

• System interface

— Glueless bus interface to 8 bit, 16 bit, and 32 bit DRAM, SRAM, ROM, and I/O devices

— Eight programmable chip selects and programmable wait states and port sizes allowing

external bus masters to access chip selects

— Programmable external interrupts

— 8-bit general-purpose I/O interface

— System protection

– 16-bit software watchdog timer with prescaler

– Double bus fault monitor

– Bus timeout monitor

– Spurious interrupt monitor

– Programmable interrupt controller (low interrupt latency, 3 external interrupt inputs, and

programmable interrupt priority and autovector generator)

— IEEE 1149.1 test (JTAG) support

• System debug interface

— Real-time trace

— Background debug mode (BDM)

• Fully static 3.3-volt operation with 5-volt tolerant inputs

• 160-pin QFP package; pin-compatible with MCF5206




Similar Part No. - MCF5206EUD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5206EUM/D FREESCALE-MCF5206EUM/D Datasheet
274Kb / 12P
MCF5206e Integrated ColdFire Microprocessor Product Brief
More results


Similar Description - MCF5206EUD

ManufacturerPart #DatasheetDescription
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235_10 Datasheet
1Mb / 54P
MCF52235 ColdFire Microcontroller Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
MCF532x ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
MCF5441x ColdFire Microprocessor Data Sheet
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
32-bit RXv2 CPU core
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com