Electronic Components Datasheet Search
  English  ▼

X  

BD5259 Datasheet (PDF) - Rohm

BD5259 Datasheet PDF - Rohm
Part # BD5259
Download  BD5259 Download
File Size   400.42 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Free Delay Time Setting CMOS Voltage Detector IC Series

BD5259 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD5259 Datasheet PDF - Rohm

Part # BD5259
Download  BD5259 Click to download

File Size   400.42 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Free Delay Time Setting CMOS Voltage Detector IC Series

BD5259 Datasheet (HTML) - Rohm


BD5259 Product details

Description
ROHM’s BD52□□G/FVE and BD53□□G/FVE series are highly accurate, low current consumption reset IC series with a built-in delay circuit. The lineup was established with tow output types (Nch open drain and CMOS output) and detection voltages range from 2.3V to 6.0V in increments of 0.1V, so that the series may be selected according the application at hand.

Features
1)  Detection voltage: 2.3V to 6.0V (Typ.), 0.1V steps
2)  High accuracy detection voltage: ±1.0%
3)  Ultra-low current consumption: 0.8µA (Typ.)
4)  Nch open drain output (BD52□□G/FVE), CMOS output (BD53□□G/FVE)
5)  Compact packages  VSOF5: BD52□□FVE, BD53□□FVE
                                      SSOP5: BD52□□G, BD53□□G




Similar Part No. - BD5259

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5259 ETC-BD5259 Datasheet
375Kb / 4P
VOLTAGE DETECTOR IC
BD5259 ETC1-BD5259 Datasheet
387Kb / 4P
VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD5259 ROHM-BD5259 Datasheet
277Kb / 10P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5259 ROHM-BD5259 Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5259 ROHM-BD5259 Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Similar Description - BD5259

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XXG ROHM-BD52XXG_09 Datasheet
277Kb / 10P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
Free Delay Time Setting CMOS Voltage Detector IC
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com