Electronic Components Datasheet Search
  English  ▼

X  

TCRT1010 Datasheet (PDF) - Vishay Siliconix

TCRT1010 Datasheet PDF - Vishay Siliconix
Part # TCRT1010
Download  TCRT1010 Download
File Size   317.5 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Subminiature Transmissive Optical Sensor with Transistor Output

TCRT1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCRT1010 Datasheet PDF - Vishay Siliconix

Part # TCRT1010
Download  TCRT1010 Click to download

File Size   317.5 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Subminiature Transmissive Optical Sensor with Transistor Output

TCRT1010 Datasheet (HTML) - Vishay Siliconix


TCRT1010 Product details

DESCRIPTION
The TCPT1350X01 is a compact transmissive sensor that includes an infrared emitter and a phototransistor detector, located face-to-face in a surface mount package. TCPT1350X01 is especially designed to meet high operating temperature requirements and is released for operating temperature ranges from - 40 °C to + 125 °C.

FEATURES
• Package type: surface mount
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 5.5 x 4 x 4
• AEC-Q101 qualified
• Gap (in mm): 3
• Aperture (in mm): 0.3
• Typical output current under test: IC= 1.6 mA
• Emitter wavelength: 950 nm
• Released for high operating temperatures up to 125 °C
• Moisture sensitivity level (MSL): 1




Similar Part No. - TCRT1010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCRT1010 VISHAY-TCRT1010 Datasheet
67Kb / 7P
Reflective Optical Sensor with Transistor Output
27-May-99
TCRT1010 VISHAY-TCRT1010 Datasheet
132Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT1010 VISHAY-TCRT1010 Datasheet
263Kb / 11P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCRT1010 VISHAY-TCRT1010 Datasheet
261Kb / 10P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCRT1010 VISHAY-TCRT1010 Datasheet
267Kb / 11P
Reflective Optical Sensor With Transistor Output
13-Oct-2021
More results


Similar Description - TCRT1010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCPT1200 VISHAY-TCPT1200 Datasheet
95Kb / 9P
Subminiature Transmissive Optical Sensor with Phototransistor Output
01-Jun-99
TCPT1200X01 VISHAY-TCPT1200X01 Datasheet
95Kb / 9P
Subminiature Transmissive Optical Sensor with Phototransistor Output
01-Jun-99
TCUT1300X01 VISHAY-TCUT1300X01 Datasheet
190Kb / 8P
Subminiature Dual Channel Transmissive Optical Sensor with
10-May-07
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCUT1300X01 VISHAY-TCUT1300X01_07 Datasheet
192Kb / 9P
Subminiature Dual Channel Transmissive Optical Sensor with
20-Jul-07
TCPT1300X01 VISHAY-TCPT1300X01_11 Datasheet
323Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
17-May-11
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCPT1300X01 VISHAY-TCPT1300X01_V01 Datasheet
312Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
04-Oct-11
TCPT1350X01 VISHAY-TCPT1350X01_V01 Datasheet
319Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
14-Mar-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com