Electronic Components Datasheet Search
  English  ▼

X  

ACPL-K73L Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-K73L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-K73L
Download  ACPL-K73L Download
File Size   357.77 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature

ACPL-K73L Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-K73L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K73L
Download  ACPL-K73L Click to download

File Size   357.77 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature

ACPL-K73L Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-K73L Product details

Description

The ACPL-W70L (single-channel) and ACPL-K73L (dual channel) are 15 MBd CMOS optocouplers in SSOIC-6 and SSOIC-8 package respectively. The optocouplers utilize the latest CMOS IC technology to achieve outstanding performance with very low power consumption. Basic building blocks of ACPL-W70L and ACPL-K73L are high speed LEDs and CMOS detector ICs. Each detector incorporates an in tegrated photodiode, a high speed transimpedance amplifier, and a voltage comparator with an output driver.



Features

•  +3.3V and 5 V CMOS compatibility

•  25ns max. pulse width distortion

•  55ns max. propagation delay

•  40ns max. propagation delay skew

•  High speed: 15 MBd min

•  10 kV/µs minimum common mode rejection

•  –40 to 105°C temperature range

•  Glitch-Free Power-UP Feature

•  Safety and regulatory approvals:

- UL recognized: 5000 V rms for 1 min. per UL 1577

- CSA component acceptance Notice #5

- IEC/EN/DIN EN 60747-5-2 approved Option 060



Applications

•  Digital field bus isolation:

- CANBus, RS485, USB

•  Multiplexed data transmission

•  Computer peripheral interface

•  Microprocessor system interface

•  DC/DC converter




Similar Part No. - ACPL-K73L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K73L BOARDCOM-ACPL-K73L Datasheet
815Kb / 16P
Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-000E AVAGO-ACPL-K73L-000E Datasheet
370Kb / 14P
Single-channel and Dual-channel High Speed 15 MBd
logo
Broadcom Corporation.
ACPL-K73L-000E BOARDCOM-ACPL-K73L-000E Datasheet
815Kb / 16P
Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
Single-channel and Dual-channel High Speed 15 MBd
More results


Similar Description - ACPL-K73L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M75L AVAGO-ACPL-M75L Datasheet
169Kb / 13P
Single-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
ACPL-071L AVAGO-ACPL-071L Datasheet
540Kb / 12P
Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
High Speed Optocoupler, Single and Dual, 10 MBd
25-Sep-12
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-074L-000E AVAGO-ACPL-074L-000E Datasheet
259Kb / 1P
Single-channel and Dual-channel High Speed 15 MBd
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
Single-channel and Dual-channel High Speed 15 MBd
logo
Vishay Siliconix
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
High Speed Optocoupler, Single and Dual, 10 MBd
25-Sep-12
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
High Speed Optocoupler, Single and Dual, 10 MBd
27-Sep-16
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
ACPL-W70L-000E BOARDCOM-ACPL-W70L-000E Datasheet
815Kb / 16P
Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
logo
Vishay Siliconix
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
High Speed Optocoupler, Single and Dual, 10 MBd
15-Jan-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com