Electronic Components Datasheet Search
  English  ▼

X  

MAX44245 Datasheet (PDF) - Maxim Integrated Products

MAX44245 Datasheet PDF - Maxim Integrated Products
Part # MAX44245
Download  MAX44245 Download
File Size   905.02 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps

MAX44245 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44245 Datasheet PDF - Maxim Integrated Products

Part # MAX44245
Download  MAX44245 Click to download

File Size   905.02 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps

MAX44245 Datasheet (HTML) - Maxim Integrated Products


MAX44245 Product details

The MAX44244/MAX44245/MAX44248 family of parts provide ultra-precision, low-noise, zero-drift single/quad/dual operational amplifiers featuring very low-power operation with a wide supply range.



The devices incorporate a patented auto-zero circuit that constantly measures and compensates the input offset to eliminate drift over time and temperature as well as the effect of 1/f noise.



These devices also feature integrated EMI filters to reduce high-frequency signal demodulation on the output. The op amps operate from either a single 2.7V to 36V supply or dual ±1.35V to ±18V supply.



The devices are unity-gain stable with a 1MHz gain-bandwidth product and a low 90µA supply current per amplifier.





Features



. Very Low Input Voltage Offset 7.5µV (max)

. Low 30nV/NC Offset Drift (max)

. Low 90µA Quiescent Current per Amplifier

. Low Input Noise

50nV/√Hzat 1kHz

0.5µVP-Pfrom 0.1Hz to 10Hz

. 1MHz Gain-Bandwidth Product

. EMI Suppression Circuitry

. Rail-to-Rail Output

. 2.7V to 36V Supply Range

. µMAX, SO, SOT23, TSSOP packages




Similar Part No. - MAX44245

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44245ASD+ MAXIM-MAX44245ASD+ Datasheet
954Kb / 14P
36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
MAX44245AUD+ MAXIM-MAX44245AUD+ Datasheet
954Kb / 14P
36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
More results


Similar Description - MAX44245

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Maxim Integrated Produc...
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
Dual/Quad Precision Op Amps
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44244 MAXIM-MAX44244_V01 Datasheet
954Kb / 14P
36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com