Electronic Components Datasheet Search
  English  ▼

X  

SPM5012 Datasheet (PDF) - TDK Electronics

SPM5012 Datasheet PDF - TDK Electronics
Part # SPM5012
Download  SPM5012 Download
File Size   3366.15 Kbytes
Page   25 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Inductors for Power Circuits Wound Metallic Magnetic Material SPM series

SPM5012 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPM5012 Datasheet PDF - TDK Electronics

Part # SPM5012
Download  SPM5012 Click to download

File Size   3366.15 Kbytes
Page   25 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Inductors for Power Circuits Wound Metallic Magnetic Material SPM series

SPM5012 Datasheet (HTML) - TDK Electronics


SPM5012 Product details

Inductors for Power Circuits Wound Metallic Magnetic Material

Overview of the SPM Series

FEATURES
○ Magnetic shield type wound inductor for power circuits using a metallic magnetic material.
○ Low-profile product lineup with max. heights of 1.2mm, 1.5mm, 2.0mm and 3.0mm allowing for different usages.
○ Compared to ferrite wound type inductors, it is possible to achieve large current, low Rdc, and compactness.
○ Low inductance variance in high-temperature environments with good DC superimposition characteristics.
○ Metallic magnetic material is used, and the structure has an integrated molded coil, so hum noise is lower than with core adhesive coils.

APPLICATION
    Smart phones, tablet terminals, laptop computers, HDDs, servers, VRMs, compact power supply modules, other




Similar Part No. - SPM5012

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM5012T-100M-LR TDK-SPM5012T-100M-LR Datasheet
131Kb / 9P
Inductors for Power CircuitsWound Metal
SPM5012T-1R0M-LR TDK-SPM5012T-1R0M-LR Datasheet
131Kb / 9P
Inductors for Power CircuitsWound Metal
SPM5012T-1R5M-LR TDK-SPM5012T-1R5M-LR Datasheet
131Kb / 9P
Inductors for Power CircuitsWound Metal
SPM5012T-2R2M-LR TDK-SPM5012T-2R2M-LR Datasheet
131Kb / 9P
Inductors for Power CircuitsWound Metal
SPM5012T-3R3M-LR TDK-SPM5012T-3R3M-LR Datasheet
131Kb / 9P
Inductors for Power CircuitsWound Metal
More results


Similar Description - SPM5012

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM6530T-1R0M120 TDK-SPM6530T-1R0M120 Datasheet
3Mb / 25P
Inductors for Power Circuits Wound Metallic Magnetic Material
SPM3012T-1R0M TDK-SPM3012T-1R0M_16 Datasheet
104Kb / 9P
Inductors for Power Circuits Wound Metallic Magnetic Material
SPM10054-HZR TDK-SPM10054-HZR Datasheet
269Kb / 4P
Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM4020-DZ TDK-SPM4020-DZ Datasheet
171Kb / 4P
Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM5030-HZ TDK-SPM5030-HZ Datasheet
201Kb / 4P
Inductors for power circuits Wound metal SPM-HZ series (for automotive)
20210423
SPM12565CT TDK-SPM12565CT Datasheet
573Kb / 5P
Inductors for power circuits Wound metal SPM series
20220628
SPM12565VT-D TDK-SPM12565VT-D Datasheet
180Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20221024
SPM5030VT-D TDK-SPM5030VT-D Datasheet
336Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20210705
SPM6545VT-D TDK-SPM6545VT-D Datasheet
176Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20190912
SPM7054VC-D TDK-SPM7054VC-D Datasheet
180Kb / 4P
Inductors for power circuits Wound metal SPM-VC-D series (for automobiles)
20221003
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com