Electronic Components Datasheet Search
  English  ▼

X  

MC68HC11F1CFN4 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC11F1CFN4 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC11F1CFN4
Download  MC68HC11F1CFN4 Download
File Size   993.63 Kbytes
Page   158 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Technical Data

MC68HC11F1CFN4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC11F1CFN4 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC11F1CFN4
Download  MC68HC11F1CFN4 Click to download

File Size   993.63 Kbytes
Page   158 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Technical Data

MC68HC11F1CFN4 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC11F1CFN4 Product details

INTRODUCTION
The MC68HC11F1 high-performance microcontroller unit (MCU) is an enhanced derivative of the M68HC11 family of microcontrollers and includes many advanced features. This MCU, with a nonmultiplexed expanded bus, is characterized by high speed and low power consumption. The fully static design allows operation at frequencies from 4 MHz to dc.

Features
• M68HC11 Central Processing Unit (CPU)
• Power Saving STOP and WAIT Modes
• 512 Bytes Electrically Erasable Programmable Read-Only Memory (EEPROM)
• 1024 Bytes RAM, Data Retained During Standby
• Nonmultiplexed Address and Data Buses
• Enhanced 16-Bit Timer
• Three Input Capture (IC) Channels
• Four Output Compare (OC) Channels
• One Additional Channel, Selectable as Fourth IC or Fifth OC
• 8-Bit Pulse Accumulator
• Real-Time Interrupt Circuit
• Computer Operating Properly (COP) Watchdog
• Enhanced Asynchronous Nonreturn to Zero (NRZ) Serial Communications Inter face (SCI)
• Enhanced Synchronous Serial Peripheral Interface (SPI)
• Eight-Channel 8-Bit Analog-to-Digital (A/D) Converter
• Four Chip-Select Signal Outputs with Programmable Clock Stretching
   — Two I/O Chip Selects
   — One Program Chip Select
   — One General-Purpose Chip Select
• Available in 68-Pin Plastic Leaded Chip Carrier (PLCC) and 80-Pin Plastic Quad Flat Pack (QFP)




Similar Part No. - MC68HC11F1CFN4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11F1CFN4 MOTOROLA-MC68HC11F1CFN4 Datasheet
486Kb / 68P
Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11F1CFN4 FREESCALE-MC68HC11F1CFN4 Datasheet
6Mb / 124P
ROM-based high-performance microcontrollers
MC68HC11F1CFN4 FREESCALE-MC68HC11F1CFN4 Datasheet
5Mb / 68P
Technical Summary 8-Bit Microcontroller
MC68HC11F1CFN4 FREESCALE-MC68HC11F1CFN4 Datasheet
4Mb / 158P
MC68HC11F1 Technical Data
MC68HC11F1CFN4 FREESCALE-MC68HC11F1CFN4 Datasheet
1,005Kb / 158P
Technical Data
More results


Similar Description - MC68HC11F1CFN4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
Technical Data
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
TECHNICAL DATA
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
Technical Data
Sep-2003
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
TECHNICAL DATA
logo
Freescale Semiconductor...
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
Technical Data
MC705C8ACPE FREESCALE-MC705C8ACPE Datasheet
1Mb / 222P
Technical Data
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
Technical Data
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com