Electronic Components Datasheet Search
  English  ▼

X  

ZTX1049A Datasheet (PDF) - Diodes Incorporated

ZTX1049A Datasheet PDF - Diodes Incorporated
Part # ZTX1049A
Download  ZTX1049A Download
File Size   307.17 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V NPN SILICON PLANARR MEDIUM POWER TRANSISTOR

ZTX1049A Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTX1049A Datasheet PDF - Diodes Incorporated

Part # ZTX1049A
Download  ZTX1049A Click to download

File Size   307.17 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V NPN SILICON PLANARR MEDIUM POWER TRANSISTOR

ZTX1049A Datasheet (HTML) - Diodes Incorporated


ZTX1049A Product details

Features
• BVCEO > 25V
• IC = 4A High Continuous Collector Current
• ICM = 20A Peak Pulse Current
• TJ up to 200°C for High Temperature Operation
• Low Saturation Voltage < 75mV @ 1A
• PD = 1W Power dissipation
• Lead-Free Finish; RoHS compliant (Note 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• LCD Backlight Converters
• Emergency Lighting
• DC-DC Converters




Similar Part No. - ZTX1049A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX1049A ZETEX-ZTX1049A Datasheet
116Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX1049A DIODES-ZTX1049A Datasheet
87Kb / 6P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JUNE 2007
ZTX1049A DIODES-ZTX1049A Datasheet
288Kb / 6P
25V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 5
ZTX1049ASTZ DIODES-ZTX1049ASTZ Datasheet
288Kb / 6P
25V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 5
ZTX1049A DIODES-ZTX1049A_15 Datasheet
288Kb / 6P
25V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 5
More results


Similar Description - ZTX1049A

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2537 ROHM-2SD2537 Datasheet
75Kb / 4P
Medium Power Transistor (25V, 1.2A)
logo
Zetex Semiconductors
ZXTN2005Z ZETEX-ZXTN2005Z Datasheet
105Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T869Z ZETEX-ZX5T869Z Datasheet
103Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Rohm
2SD2537 ROHM-2SD2537_1 Datasheet
74Kb / 4P
Medium Power Transistor (25V, 1.2A)
logo
Diodes Incorporated
ZXTN2005Z DIODES-ZXTN2005Z Datasheet
110Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
logo
Rohm
2SD2537 ROHM-2SD2537_11 Datasheet
134Kb / 3P
Medium Power Transistor (25V, 1.2A)
2SD2537T100V ROHM-2SD2537T100V Datasheet
85Kb / 3P
Medium Power Transistor (25V, 1.2A)
logo
Diodes Incorporated
ZTX1049A DIODES-ZTX1049A_15 Datasheet
288Kb / 6P
25V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 5
ZXTN2005Z DIODES-ZXTN2005Z_15 Datasheet
110Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
FZT1049A DIODES-FZT1049A_16 Datasheet
787Kb / 7P
25V NPN MEDIUM POWER TRANSISTOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com