Electronic Components Datasheet Search
  English  ▼

X  

FBR1030 Datasheet (PDF) - First Components International

FBR1030 Datasheet PDF - First Components International
Part # FBR1030
Download  FBR1030 Download
File Size   198.59 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 10 Amp High Voltage SCHOOTTKY BARRIER RECTIFIERS

FBR1030 Datasheet (PDF)

Go To PDF Page Download Datasheet
FBR1030 Datasheet PDF - First Components International

Part # FBR1030
Download  FBR1030 Click to download

File Size   198.59 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 10 Amp High Voltage SCHOOTTKY BARRIER RECTIFIERS

FBR1030 Datasheet (HTML) - First Components International


FBR1030 Product details

Features
■ HIGH CURRENT CAPABILITY WITH LOW VF
■ HIGH SURGE VOLTAGE AND TRANSIENT PROTECTION
■ HIGH EFFICIENCY w/LOW POWER LOSS
■ MEETS UL SPECIFICATION 94V-0




Similar Part No. - FBR1030

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBR1035 FCI-FBR1035 Datasheet
119Kb / 2P
10 Amp SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - FBR1030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBR1080 ETC1-FBR1080 Datasheet
153Kb / 4P
10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
FBR1060 FCI-FBR1060 Datasheet
139Kb / 2P
10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR1680 UNIOHM-SR1680 Datasheet
69Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP1060 SECOS-SP1060_11 Datasheet
262Kb / 2P
Voltage 60V 10 Amp Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
1N6263 NJSEMI-1N6263 Datasheet
101Kb / 1P
SCHOOTTKY BARRIER DIODES
logo
First Components Intern...
FBR10200 FCI-FBR10200 Datasheet
757Kb / 3P
10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
FBRF1020 FCI-FBRF1020 Datasheet
981Kb / 2P
10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
FBRF10200 FCI-FBRF10200 Datasheet
194Kb / 2P
10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
SR1060 FCI-SR1060 Datasheet
147Kb / 2P
10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS SUPERIOR METAL PROCESS
logo
SeCoS Halbleitertechnol...
MBR10100D SECOS-MBR10100D Datasheet
286Kb / 2P
Voltage 100 V 10 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com