Electronic Components Datasheet Search
  English  ▼

X  

1N5221 Datasheet (PDF) - Microsemi Corporation

1N5221 Datasheet PDF - Microsemi Corporation
Part # 1N5221
Download  1N5221 Download
File Size   199.11 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 500 mW GLASS AXIAL-LEAD ZENER DIODES

1N5221 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5221 Datasheet PDF - Microsemi Corporation

Part # 1N5221
Download  1N5221 Click to download

File Size   199.11 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 500 mW GLASS AXIAL-LEAD ZENER DIODES

1N5221 Datasheet (HTML) - Microsemi Corporation


1N5221 Product details

DESCRIPTION
The popular 1N5221 thru 1N5281B series of 0.5 watt Zener Voltage Regulators provides a selection from 2.4 to 200 volts in standard 5% or 10% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These glass axial-leaded DO-35 Zeners are also available in various military screening levels by adding a prefix identifier as described in the Features section. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• JEDEC registered 1N5221 to 1N5281B
• Internal bonds optionally available with “-1” suffix
• Options for screening in accordance with MIL-PRF-
   19500 for JAN, JANTX, JANTXV, and JANS are
   available by adding MQ, MX, MV, or MSP prefixes
   respectively to part numbers with “-1” suffix.
• Surface mount equivalents available as MLL5221 to
   MLL5281B in the DO-213AA MELF style package
   including “-1” suffix options (consult factory for others)
• RoHS Compliant devices available by adding “e3” suffix
• DO-7 glass body axial-leaded Zener equivalents are also available

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current
   and temperature range
• Extensive selection from 2.4 to 200 V
• Standard voltage tolerances are plus/minus 5%
   with B suffix, 10 % with A suffix identification
• Tight tolerances available in plus or minus 2% or
   1% with C or D suffix respectively
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD (MIL-STD-750 Method 1020)
• Minimal capacitance (see Figure 2)
• Inherently radiation hard per MicroNote 050




Similar Part No. - 1N5221

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5221 SEME-LAB-1N5221 Datasheet
15Kb / 2P
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5221 CHENYI-1N5221 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221 Datasheet
35Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
500 mW Zener Diode 2.4 to 200 Volts
More results


Similar Description - 1N5221

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
500 mW ZENER DIODES
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
500 mW ZENER DIODES
logo
Microsemi Corporation
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
SILICON 500 mW ZENER DIODES
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
SILICON 500 mW ZENER DIODES
1N6016A MICROSEMI-1N6016A Datasheet
225Kb / 3P
Axial-Leaded 500 mW Zener Diodes
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
500 mW GLASS SURFACE MOUNT ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N5991C MICROSEMI-1N5991C Datasheet
235Kb / 3P
Axial-Leaded 500 mW Zener Diodes
1N5728B MICROSEMI-1N5728B_V01 Datasheet
319Kb / 3P
Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com