Electronic Components Datasheet Search
  English  ▼

X  

MC33174 Datasheet (PDF) - List of Unclassifed Manufacturers

MC33174 Datasheet PDF - List of Unclassifed Manufacturers
Part # MC33174
Download  MC33174 Download
File Size   275.99 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Radial Leaded PTC Resettable Fuse

MC33174 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33174 Datasheet PDF - List of Unclassifed Manufacturers

Part # MC33174
Download  MC33174 Click to download

File Size   275.99 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Radial Leaded PTC Resettable Fuse

MC33174 Datasheet (HTML) - List of Unclassifed Manufacturers


MC33174 Product details

[multicomp]

Specifications:
Lead Material : Tin plated copper
Soldering Characteristic : MIL-DTD-202, Method 208E
Insulating Coating : Flame retardant epoxy
Operating Current : 100mA to 3.75A
Max. Voltage : Up to 90V
Temperature Range : -40°C to 85°C
Applications : Telecom and wide variety of electronic equipment
Product features : Low hold current, Solid state, Radial leaded product
ideal for up to 90V
Agency Recognition : UL File E345437




Similar Part No. - MC33174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33174 STMICROELECTRONICS-MC33174 Datasheet
50Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Dec-1997
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2002
logo
ON Semiconductor
MC33174 ONSEMI-MC33174 Datasheet
227Kb / 16P
Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
List of Unclassifed Man...
MC33174 ETC2-MC33174 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33174 ETC2-MC33174 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
More results


Similar Description - MC33174

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
logo
RFE international
FHE RFE-FHE Datasheet
348Kb / 3P
Radial Leaded PTC Resettable Fuse:
2021/04/08
FHT RFE-FHT Datasheet
326Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRHV RFE-FRHV Datasheet
290Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/07
FRT RFE-FRT Datasheet
259Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/31
FRU RFE-FRU Datasheet
260Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/23
FRVL RFE-FRVL Datasheet
293Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/23
FUSB RFE-FUSB Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com