Electronic Components Datasheet Search
  English  ▼

X  

7024 Datasheet (PDF) - Bourns Electronic Solutions

7024 Datasheet PDF - Bourns Electronic Solutions
Part # 7024
Download  7024 Download
File Size   55.4 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Common Mode EMI Chokes

7024 Datasheet (PDF)

Go To PDF Page Download Datasheet
7024 Datasheet PDF - Bourns Electronic Solutions

Part # 7024
Download  7024 Click to download

File Size   55.4 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Common Mode EMI Chokes

7024 Datasheet (HTML) - Bourns Electronic Solutions


7024 Product details

Special Features

• Dual winding

• Low radiation

• High current capacity

• High inductance

• Dielectric strength 1000Vrms

• Mounted on VW-1 rated header

• Fixed pins for easy PCB insertion

• Operating temperature -55 to +105°C




Similar Part No. - 7024

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
7024 UMW-7024 Datasheet
3Mb / 8P
This series of detectors can detect fixed voltages from 2.2V to 7V.
Ver 2.0
logo
PCE Instruments.
7024-6 PCE-7024-6 Datasheet
3Mb / 6P
Industrial plugs and sockets series SHARK
Vers. 03/2012
7024-9 PCE-7024-9 Datasheet
3Mb / 6P
Industrial plugs and sockets series SHARK
Vers. 03/2012
logo
Bourns Electronic Solut...
7024-RC BOURNS-7024-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
logo
Polymaker Industrial
70245 POLYMAKER-70245 Datasheet
197Kb / 3P
PolyMide™ PA6-CF
More results


Similar Description - 7024

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
Ferroxcube Internationa...
CMS2-5.6-4S2 FERROXCUBE-CMS2-5.6-4S2 Datasheet
91Kb / 9P
SMD common mode chokes EMI-suppression products
logo
Allied Components Inter...
ACM0434CI ALLIED-ACM0434CI Datasheet
329Kb / 1P
COMMON MODE CHOKES Excellent EMI performance
ACM0801CS ALLIED-ACM0801CS Datasheet
270Kb / 1P
COMMON MODE CHOKES Excellent EMI performance
logo
Bourns Electronic Solut...
7122 BOURNS-7122 Datasheet
89Kb / 1P
Common Mode EMI Chokes
logo
XFMRS Inc.
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
Bourns Electronic Solut...
7100 BOURNS-7100 Datasheet
75Kb / 1P
Common Mode EMI Chokes
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com