Electronic Components Datasheet Search
  English  ▼

X  

SB1560 Datasheet (PDF) - Leshan Radio Company

SB1560 Datasheet PDF - Leshan Radio Company
Part # SB1560
Download  SB1560 Download
File Size   356.2 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A

SB1560 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB1560 Datasheet PDF - Leshan Radio Company

Part # SB1560
Download  SB1560 Click to download

File Size   356.2 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A

SB1560 Datasheet (HTML) - Leshan Radio Company


SB1560 Product details

Feature & Dimensions
* Plastic package has underwriters laboratory Flammability classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters, free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed: 260°C/10 seconds at terminals




Similar Part No. - SB1560

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB1560 SEMIKRON-SB1560 Datasheet
161Kb / 3P
Schottky barrier rectifier diodes
logo
Micro Commercial Compon...
SB1560 MCC-SB1560 Datasheet
485Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
SB1560 MCC-SB1560 Datasheet
310Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shenzhen Yixinwei Techn...
SB1560L YIXIN-SB1560L Datasheet
203Kb / 3P
15 AMPS LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SB1560L CHENDA-SB1560L Datasheet
753Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev:2019A0
More results


Similar Description - SB1560

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB2020 LRC-SB2020 Datasheet
85Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com