Electronic Components Datasheet Search
  English  ▼

X  

HDSP-B01G Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-B01G Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-B01G
Download  HDSP-B01G Download
File Size   366.27 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display

HDSP-B01G Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-B01G Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B01G
Download  HDSP-B01G Click to download

File Size   366.27 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display

HDSP-B01G Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HDSP-B01G Product details

Description

The 18:88 and 88:88 0.56" Four Digit Seven Segment Displays have surface painted in neutral gray and black for enhanced on/off contrast. All devices are available in either common anode or common cathode configuration with tinted green segments or untinted segments.



Features

• Excellent appearance

• Evenly illuminated segments

• Gray face for optimum on/off contrast

• Choice of colors: Green

• Choice of character size: 0.56 inch




Similar Part No. - HDSP-B01G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B01G AVAGO-HDSP-B01G Datasheet
366Kb / 8P
18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-B01G-00000 HP-HDSP-B01G-00000 Datasheet
356Kb / 8P
18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
HDSP-B01G-00200 HP-HDSP-B01G-00200 Datasheet
356Kb / 8P
18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
HDSP-B01G-00300 HP-HDSP-B01G-00300 Datasheet
356Kb / 8P
18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
HDSP-B01G-0K000 HP-HDSP-B01G-0K000 Datasheet
356Kb / 8P
18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
More results


Similar Description - HDSP-B01G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-B04E HP-HDSP-B04E Datasheet
348Kb / 8P
18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
HDSP-B0XG HP-HDSP-B0XG Datasheet
356Kb / 8P
18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
HDSP-B42G HP-HDSP-B42G Datasheet
347Kb / 4P
18:88 0.56 Four Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B0XE AVAGO-HDSP-B0XE Datasheet
189Kb / 8P
18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display
logo
BetLux Electronics
BL-Q56A-42 BETLUX-BL-Q56A-42 Datasheet
322Kb / 5P
14.20mm (0.56) Four digit and Over Seven Segment LED display series
REV NO: V.2
BL-Q56A-43 BETLUX-BL-Q56A-43 Datasheet
324Kb / 5P
14.20mm (0.56) Four digit and Over Seven Segment LED display series
REV NO: V.2
BL-Q56A-45 BETLUX-BL-Q56A-45 Datasheet
342Kb / 5P
14.20mm (0.56) Four digit and Over Seven Segment LED display series
REV NO: V.2
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B42G AVAGO-HDSP-B42G Datasheet
176Kb / 4P
18:88 0.56" Four Digit Seven Segment Displays
HDSP-B0XG AVAGO-HDSP-B0XG Datasheet
366Kb / 8P
18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Broadcom Corporation.
HDSP-B0XG BOARDCOM-HDSP-B0XG Datasheet
366Kb / 8P
18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com