Electronic Components Datasheet Search
  English  ▼

X  

W3030 Datasheet (PDF) - Agere Systems

W3030 Datasheet PDF - Agere Systems
Part # W3030
Download  W3030 Download
File Size   429.81 Kbytes
Page   22 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description W3030 3 V Dual-Mode IF Cellular Receiver

W3030 Datasheet (PDF)

Go To PDF Page Download Datasheet
W3030 Datasheet PDF - Agere Systems

Part # W3030
Download  W3030 Click to download

File Size   429.81 Kbytes
Page   22 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description W3030 3 V Dual-Mode IF Cellular Receiver

W3030 Datasheet (HTML) - Agere Systems


W3030 Product details

Description
The W3030 is a monolithic integrated circuit that provides most of the receive path functions required to meet the IS-136 (and IS-54) standard. The W3030 converts FM or digitally modulated IF carriers up to 200 MHz and provides required IF gain and separate baseband detectors for the two modulation modes.

Features
■ Proven double conversion architecture:
    - First IF capability: 10 MHz to over 1000 MHz
    - Second IF capability: 0.2 MHz to 2.0 MHz
■ Dual second IF amplifiers and demodulators:
    - Analog-mode limiting amplifier and FM quadrature detector
    - Digital-mode linear AGC amplifiers with dual-mixer I & Q quadrature demodulator
■ Accurate, onboard local oscillator phase splitter for digital quadrature demodulator
■ Four enable/powerdown modes, selectable from two digital control pins, allow operation with minimal supply current
■ Low supply current
■ Analog received signal strength indicator (RSSI) available
■ Analog AGC for digital-mode IF amplifiers
■ Over 100 dB combined voltage gain

Applications
■ IS-136 (North American dual-mode) cellular radio portable and mobile terminals
■ Cellular radio base stations
■ Digital satellite communications
■ Multisymbol signaling receivers




Similar Part No. - W3030

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3030 PULSE-W3030 Datasheet
1Mb / 3P
2.1 GHz RX Diversity Ceramic Antenna
More results


Similar Description - W3030

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6458 AD-AD6458 Datasheet
268Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6459 AD-AD6459 Datasheet
314Kb / 12P
GSM 3 V Receiver IF Subsystem
AD61009 AD-AD61009 Datasheet
261Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV.0
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
23-Feb-2017
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com