Electronic Components Datasheet Search
  English  ▼

X  

LCK4801 Datasheet (PDF) - Agere Systems

LCK4801 Datasheet PDF - Agere Systems
Part # LCK4801
Download  LCK4801 Download
File Size   160.93 Kbytes
Page   10 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Voltage HSTL Differential Clock

LCK4801 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCK4801 Datasheet PDF - Agere Systems

Part # LCK4801
Download  LCK4801 Click to download

File Size   160.93 Kbytes
Page   10 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Voltage HSTL Differential Clock

LCK4801 Datasheet (HTML) - Agere Systems


LCK4801 Product details

General Description
The LCK4801 is a low-voltage, 3.3 V HSTL differential clock synthesizer. The LCK4801 supports two differential HSTL output pairs with frequencies from 336 MHz to 1 GHz. The clock is designed to support single and multiple processor systems that require HSTL differential inputs. The LCK4801 contains a fully integrated PLL (phase-locked loop) which multiplies the HSTL_CLK or PECL_CLK input frequency to match individual processor clock frequencies. The PLL can be bypassed so that the PCLK outputs are fed from the HSTL_CLK or PECL_CLK input for test purposes. All outputs are powered from a 2 V external supply to reduce onchip power consumption. All outputs are HSTL. The PLL can operate in the internal feedback mode, or in the external feedback mode for board level debugging applications.

Features
■ Two fully selectable clock inputs.
■ Fully integrated PLL.
■ 336 MHz to 1 GHz output frequencies.
■ HSTL outputs.
■ HSTL and LVPECL reference clocks.
■ 32-pin TQFP package.




Similar Part No. - LCK4801

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4802 AGERE-LCK4802 Datasheet
156Kb / 10P
Low-Voltage PECL Differential Clock
July 2001
More results


Similar Description - LCK4801

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com