Electronic Components Datasheet Search
  English  ▼

X  

AOTF10N50FD Datasheet (PDF) - Alpha & Omega Semiconductors

AOTF10N50FD Datasheet PDF - Alpha & Omega Semiconductors
Part # AOTF10N50FD
Download  AOTF10N50FD Download
File Size   335.73 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 10A N-Channel MOSFET with Fast Recovery Diode

AOTF10N50FD Datasheet (PDF)

Go To PDF Page Download Datasheet
AOTF10N50FD Datasheet PDF - Alpha & Omega Semiconductors

Part # AOTF10N50FD
Download  AOTF10N50FD Click to download

File Size   335.73 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 10A N-Channel MOSFET with Fast Recovery Diode

AOTF10N50FD Datasheet (HTML) - Alpha & Omega Semiconductors


AOTF10N50FD Product details

General Description
The AOTF10N50FD has been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications. By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability this part can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number: AOTF10N50FDL

Product Summary
   VDS 600V@150℃
   ID (at VGS=10V) 10A
   RDS(ON) (at VGS=10V) < 0.75Ω

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOTF10N50FD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOTF10N50FD VBSEMI-AOTF10N50FD Datasheet
1Mb / 11P
N-Channel 650 V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
AOTF10N50FD ISC-AOTF10N50FD Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOTF10N50FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD Datasheet
287Kb / 7P
N-CHANNEL 500V - 0.20ohm - 20A D2PAK FDmesh™ Power MOSFET With FAST DIODE
Nov-2001
logo
Intersil Corporation
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Fairchild Semiconductor
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
logo
Unisonic Technologies
10N50_1109 UTC-10N50_1109 Datasheet
179Kb / 6P
10A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
logo
Jiangsu Donghai Semicon...
D92-02A WXDH-D92-02A Datasheet
513Kb / 5P
10A 200V Fast recovery diode
logo
ASEMI TECHNOLOGY., LTD
MUR1060CT ASEMI-MUR1060CT Datasheet
278Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SF1006A ASEMI-SF1006A Datasheet
307Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SFF1006 ASEMI-SFF1006 Datasheet
467Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SFF1006A ASEMI-SFF1006A Datasheet
280Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com