Electronic Components Datasheet Search
  English  ▼

X  

AOT298L Datasheet (PDF) - Alpha & Omega Semiconductors

AOT298L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT298L
Download  AOT298L Download
File Size   383.75 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AOT298L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT298L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT298L
Download  AOT298L Click to download

File Size   383.75 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AOT298L Datasheet (HTML) - Alpha & Omega Semiconductors


AOT298L Product details

General Description

The AOT298L & AOB298L & AOTF298L uses Trench MOSFET technology that is uniquely optimized to provide

the most efficient high frequency switching performance. Power losses are minimized due to an extremely low

combination of RDS(ON) and Crss. In addition, switching behavior is well controlled with a soft recovery body

diode.This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.



Product Summary

VDS                                                    100V

ID (at VGS=10V)                                    58A/33A

RDS(ON) (at VGS=10V)                           < 14.5mΩ

100% UIS Tested

100% Rg Tested




Similar Part No. - AOT298L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT298L ISC-AOT298L Datasheet
289Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT298L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com