Electronic Components Datasheet Search
  English  ▼

X  

AON6408 Datasheet (PDF) - Alpha & Omega Semiconductors

AON6408 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON6408
Download  AON6408 Download
File Size   156.93 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON6408 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON6408 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON6408
Download  AON6408 Click to download

File Size   156.93 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON6408 Datasheet (HTML) - Alpha & Omega Semiconductors


AON6408 Product details

General Description
The AON6408 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is for PWM applications.

Product Summary
    VDS (V) = 30V
    ID = 25A (VGS = 10V)
    RDS(ON) < 6.5mΩ (VGS = 10V)
    RDS(ON) < 9.5mΩ (VGS = 4.5V)

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AON6408

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6400 AOSMD-AON6400 Datasheet
232Kb / 6P
30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AON6400 VBSEMI-AON6400 Datasheet
1Mb / 7P
N-Channel 30 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AON6400L AOSMD-AON6400L Datasheet
235Kb / 6P
30V N-Channel MOSFET
AON6403 AOSMD-AON6403 Datasheet
237Kb / 6P
30V P-Channel MOSFET
AON6403L AOSMD-AON6403L Datasheet
240Kb / 6P
P-Channel Power Transistor
More results


Similar Description - AON6408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com