Electronic Components Datasheet Search
  English  ▼

X  

AON4805L Datasheet (PDF) - Alpha & Omega Semiconductors

AON4805L Datasheet PDF - Alpha & Omega Semiconductors
Part # AON4805L
Download  AON4805L Download
File Size   164.92 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual P-Channel Enhancement Mode Field Effect Transistor

AON4805L Datasheet (PDF)

Go To PDF Page Download Datasheet
AON4805L Datasheet PDF - Alpha & Omega Semiconductors

Part # AON4805L
Download  AON4805L Click to download

File Size   164.92 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual P-Channel Enhancement Mode Field Effect Transistor

AON4805L Datasheet (HTML) - Alpha & Omega Semiconductors


AON4805L Product details

General Description
The AON4805L uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltage as low as 1.8V. This device is suitable for use as a load switch or in PWM applications.

-RoHS Compliant
-Halogen Free

Features
   VDS (V) = -20V
   ID = -4.5A (VGS = -4.5V)
   RDS(ON) < 65mΩ (VGS = -4.5V)
   RDS(ON) < 85mΩ (VGS = -2.5V)
   RDS(ON) < 115mΩ (VGS = -1.8V)




Similar Part No. - AON4805L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON4803 AOSMD-AON4803 Datasheet
189Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AON4803 AOSMD-AON4803 Datasheet
313Kb / 5P
20V Dual P-Channel MOSFET
AON4803 AOSMD-AON4803_12 Datasheet
313Kb / 5P
20V Dual P-Channel MOSFET
AON4807 AOSMD-AON4807 Datasheet
308Kb / 5P
30V Dual P-Channel MOSFET
More results


Similar Description - AON4805L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Chenmko Enterprise Co. ...
CHM2407JPT CHENMKO-CHM2407JPT Datasheet
235Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM4432JPT CHENMKO-CHM4432JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8531JPT CHENMKO-CHM8531JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com