Electronic Components Datasheet Search
  English  ▼

X  

AON2420 Datasheet (PDF) - Alpha & Omega Semiconductors

AON2420 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON2420
Download  AON2420 Download
File Size   237.66 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel AlphaMOS

AON2420 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON2420 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON2420
Download  AON2420 Click to download

File Size   237.66 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel AlphaMOS

AON2420 Datasheet (HTML) - Alpha & Omega Semiconductors


AON2420 Product details

General Description
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant

Application
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial

Product Summary
    VDS                                           30V
    ID (at VGS=10V)                         8A
    RDS(ON) (at VGS =10V)  < 11.7mΩ
    RDS(ON) (at VGS =4.5V) < 17.5mΩ




Similar Part No. - AON2420

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2400 AOSMD-AON2400 Datasheet
240Kb / 5P
8V N-Channel MOSFET
AON2401 AOSMD-AON2401 Datasheet
245Kb / 5P
8V P-Channel MOSFET
AON2403 AOSMD-AON2403 Datasheet
227Kb / 5P
12V P-Channel MOSFET
AON2405 AOSMD-AON2405 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AON2406 AOSMD-AON2406 Datasheet
252Kb / 5P
20V N-Channel MOSFET
More results


Similar Description - AON2420

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
30V N-Channel AlphaMOS
AON6360 AOSMD-AON6360 Datasheet
273Kb / 6P
30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
30V N-Channel AlphaMOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com