Electronic Components Datasheet Search
  English  ▼

X  

AOD4124 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD4124 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD4124
Download  AOD4124 Download
File Size   268.63 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AOD4124 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD4124 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD4124
Download  AOD4124 Click to download

File Size   268.63 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AOD4124 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD4124 Product details

General Description
The AOD4124 is fabricated with SDMOSTM trench technology that combines excellent RDS(ON) with low gate charge and low Qrr.The result is outstanding efficiency with controlled switching behavior. This universal technology is well suited for PWM, load switching and general purpose applications.

Features
    VDS                                     100V
    ID (at VGS=10V)                   54A
    RDS(ON) (at VGS=10V) < 21mΩ
    RDS(ON) (at VGS = 7V) < 25mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOD4124

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD4124 ISC-AOD4124 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD4124 DOINGTER-AOD4124 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced SGT technology
logo
BYCHIP ELECTRONICS CO.,...
AOD4124 BYCHIP-AOD4124 Datasheet
688Kb / 4P
N-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - AOD4124

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com