Electronic Components Datasheet Search
  English  ▼

X  

AOD424 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD424 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD424
Download  AOD424 Download
File Size   457.94 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AOD424 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD424 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD424
Download  AOD424 Click to download

File Size   457.94 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AOD424 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD424 Product details

General Description
The AOD424 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
    VDS                                     20V
    ID (at VGS=4.5V)                45A
    RDS(ON) (at VGS=4.5V) < 4.4mΩ
    RDS(ON) (at VGS=2.5V) < 5.7mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOD424

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD424 VBSEMI-AOD424 Datasheet
916Kb / 6P
N-Channel 20-V (D-S)175 C MOSFET
logo
Inchange Semiconductor ...
AOD424 ISC-AOD424 Datasheet
308Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD424 DOINGTER-AOD424 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
AOD424G ISC-AOD424G Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOD424

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com