Electronic Components Datasheet Search
  English  ▼

X  

MJE271 Datasheet (PDF) - Motorola, Inc

MJE271 Datasheet PDF - Motorola, Inc
Part # MJE271
Download  MJE271 Download
File Size   109.68 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS

MJE271 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE271 Datasheet PDF - Motorola, Inc

Part # MJE271
Download  MJE271 Click to download

File Size   109.68 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS

MJE271 Datasheet (HTML) - Motorola, Inc


MJE271 Product details

Complementary Silicon Power Transistors

. . . designed specifically for use with the MC3419 Solid–State Subscriber Loop Interface Circuit (SLIC).

• High Safe Operating Area
   IS/B @ 40 V, 1.0 s = 0.375 A — TO–126
• Collector–Emitter Sustaining Voltage
   VCEO(sus) = 100 Vdc (Min)
• High DC Current Gain
   hFE @ 120 mA, 10 V = 1500 (Min)




Similar Part No. - MJE271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE271 ONSEMI-MJE271 Datasheet
58Kb / 3P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
logo
TRANSYS Electronics Lim...
MJE271 TEL-MJE271 Datasheet
57Kb / 2P
NPN PLASTIC POWER TRANSISTOR
logo
Continental Device Indi...
MJE271 CDIL-MJE271 Datasheet
526Kb / 3P
PLASTIC POWER TRANSISTOR
logo
Inchange Semiconductor ...
MJE271 ISC-MJE271 Datasheet
249Kb / 2P
Silicon PNP Power Transistor
logo
ON Semiconductor
MJE271G ONSEMI-MJE271G Datasheet
58Kb / 3P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
More results


Similar Description - MJE271

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJE200 MOTOROLA-MJE200 Datasheet
255Kb / 6P
5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com