Electronic Components Datasheet Search
  English  ▼

X  

MBR30030CT Datasheet (PDF) - Naina Semiconductor ltd.

MBR30030CT Datasheet PDF - Naina Semiconductor ltd.
Part # MBR30030CT
Download  MBR30030CT Download
File Size   136.67 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Silicon Schottky Diode, 300A

MBR30030CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR30030CT Datasheet PDF - Naina Semiconductor ltd.

Part # MBR30030CT
Download  MBR30030CT Click to download

File Size   136.67 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Silicon Schottky Diode, 300A

MBR30030CT Datasheet (HTML) - Naina Semiconductor ltd.


MBR30030CT Product details

Features
• Guard Ring Protection
• Low forward voltage drop
• High surge current capability
• Up to 100V VRRM




Similar Part No. - MBR30030CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30030CT MCC-MBR30030CT Datasheet
132Kb / 3P
300 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
GeneSiC Semiconductor, ...
MBR30030CT GENESIC-MBR30030CT Datasheet
716Kb / 3P
Silicon Power Schottky Diode
MBR30030CTL GENESIC-MBR30030CTL Datasheet
446Kb / 3P
High Surge Capability
MBR30030CTR GENESIC-MBR30030CTR Datasheet
446Kb / 3P
High Surge Capability
MBR30030CTR GENESIC-MBR30030CTR Datasheet
716Kb / 3P
Silicon Power Schottky Diode
More results


Similar Description - MBR30030CT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
Silicon Schottky Diode
logo
Naina Semiconductor ltd...
MUR30005CT NAINA-MUR30005CT Datasheet
139Kb / 2P
Super Fast Recovery Diode, 300A
MUR30040CT NAINA-MUR30040CT Datasheet
139Kb / 2P
Super Fast Recovery Diode, 300A
MBR30045CT NAINA-MBR30045CT Datasheet
137Kb / 2P
Silicon Schottky Diode, 300A
logo
Fairchild Semiconductor
PCRKA30065F8 FAIRCHILD-PCRKA30065F8 Datasheet
206Kb / 4P
650V / 300A Extremefast Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
MacMic
MMD300S160U MACMIC-MMD300S160U Datasheet
198Kb / 3P
300A Rectifier Diode Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com