Electronic Components Datasheet Search
  English  ▼

X  

AOC2401 Datasheet (PDF) - Alpha & Omega Semiconductors

AOC2401 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOC2401
Download  AOC2401 Download
File Size   253.23 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V P-Channel MOSFET

AOC2401 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOC2401 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOC2401
Download  AOC2401 Click to download

File Size   253.23 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V P-Channel MOSFET

AOC2401 Datasheet (HTML) - Alpha & Omega Semiconductors


AOC2401 Product details

General Description

The AOC2401 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation

with gate voltages as low as 2.5V while retaining a12V VGS(MAX) rating.



 Product Summary

VDS                                            -30V

ID(at VGS =-10V)                           -3A

RDS(ON)(at VGS=-10V)                   < 41mΩ

RDS(ON)(at VGS=-4.5V)                  < 47mΩ

RDS(ON)(at VGS=-2.5V)                  < 58mΩ

Typical ESD protection                    HBM Class 2




Similar Part No. - AOC2401

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2403 AOSMD-AOC2403 Datasheet
214Kb / 4P
20V P-Channel MOSFET
More results


Similar Description - AOC2401

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com