Electronic Components Datasheet Search
  English  ▼

X  

AD8004 Datasheet (PDF) - Analog Devices

AD8004 Datasheet PDF - Analog Devices
Part # AD8004
Download  AD8004 Download
File Size   271.75 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 3000 V/us, 35 mW Current Feedback Amplifier

AD8004 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8004 Datasheet PDF - Analog Devices

Part # AD8004
Download  AD8004 Click to download

File Size   271.75 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 3000 V/us, 35 mW Current Feedback Amplifier

AD8004 Datasheet (HTML) - Analog Devices


AD8004 Product details

GENERAL DESCRIPTION
The AD8004 is a quad, low power, high speed amplifier designed to operate on single or dual supplies. It utilizes a current feed back architecture and features high slew rate of 3000 V/ms making the AD8004 ideal for handling large amplitude pulses. Additionally, the AD8004 provides gain flatness of 0.1 dB to 30 MHz while offering differential gain and phase error of 0.04% and 0.10∞. This makes the AD8004 suitable for video electronics such as cameras and video switchers.
The AD8004 offers low power of 3.5 mA/amplifier and can run on a single +4 V to +12 V power supply, while being capable of delivering up to 50 mA of load current. All this is offered in a small 14-lead SOIC package. These features make this amplifier ideal for portable and battery powered applications where size and power are critical.
The outstanding bandwidth of 250 MHz along with 3000 V/ms of slew rate make the AD8004 useful in many general-purpose, high speed applications where dual power supplies of up to ±6 V and single supplies from 4 V to 12 V are needed. The AD8004 is available in the industrial temperature range of –40∞C to +85∞C in the R package.

FEATURES
   High Speed
      250 MHz –3 dB Bandwidth (G = +1)
      3000 V/μs Slew Rate
      21 ns Settling Time to 0.1%
      1.8 ns Rise Time for 2 V Step
   Low Power
      3.5 mA/Amp Power Supply Current (35 mW/Amp)
   Single Supply Operation
      Fully Specified for +5 V Supply
   Good Video Specifications (RL = 150 Ω, G = +2)
      Gain Flatness 0.1 dB to 30 MHz
      0.04% Differential Gain Error
      0.10° Differential Phase Error
   Low Distortion
      –78 dBc THD at 5 MHz
   –61 dBc THD at 20 MHz
   High Output Current of 50 mA
   Available in a 14-Lead SOIC

APPLICATIONS
   Image Scanners
   Active Filters
   Video Switchers
   Special Effects




Similar Part No. - AD8004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004 AD-AD8004 Datasheet
501Kb / 16P
Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
AD8004AN AD-AD8004AN Datasheet
501Kb / 16P
Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004AN AD-AD8004AN Datasheet
715Kb / 17P
Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AN AD-AD8004AN Datasheet
648Kb / 17P
Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
More results


Similar Description - AD8004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001 Datasheet
222Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV.C
AD8004 AD-AD8004_03 Datasheet
501Kb / 16P
Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8004 AD-AD8004_15 Datasheet
715Kb / 17P
Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com