Electronic Components Datasheet Search
  English  ▼

X  

AO4588 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4588 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4588
Download  AO4588 Download
File Size   285.47 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AO4588 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4588 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4588
Download  AO4588 Click to download

File Size   285.47 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AO4588 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4588 Product details

General Description
The AO4588 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
   VDS                                           30V
   ID (at VGS=10V)                       20A
   RDS(ON) (at VGS=10V)            < 4.8mΩ
   RDS(ON) (at VGS =4.5V)          < 6.2mΩ

   ESD Protected
   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4588

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4588 KEXIN-AO4588 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4588 VBSEMI-AO4588 Datasheet
993Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4588-HF KEXIN-AO4588-HF Datasheet
1Mb / 5P
N-Channel MOSFET
More results


Similar Description - AO4588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com