Electronic Components Datasheet Search
  English  ▼

X  

AO4627 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4627 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4627
Download  AO4627 Download
File Size   569.51 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Complementary MOSFET

AO4627 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4627 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4627
Download  AO4627 Click to download

File Size   569.51 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Complementary MOSFET

AO4627 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4627 Product details

General Description
The AO4627 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This complementary N and P channel MOSFET configuration is ideal for low Input Voltage inverter applications.

Product Summary
    N-Channel                        P-Channel
    VDS= 30V                         -30V
    ID= 4.5A (VGS=10V)        -3.5A (VGS=-10V)
    RDS(ON)                          RDS(ON)
    < 50mΩ (VGS=10V)         < 100mΩ (VGS=-10V)
    < 68mΩ (VGS=4.5V)        < 165mΩ (VGS=-4.5V)

    100% UIS Tested             100% UIS Tested
    100% Rg Tested               100% Rg Tested




Similar Part No. - AO4627

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4627 KEXIN-AO4627 Datasheet
3Mb / 7P
Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4627 VBSEMI-AO4627 Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4627 DOINGTER-AO4627 Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
logo
Guangdong Kexin Industr...
AO4627-HF KEXIN-AO4627-HF Datasheet
3Mb / 7P
Complementary Trench MOSFET
More results


Similar Description - AO4627

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
30V Complementary MOSFET
AON3613 AOSMD-AON3613 Datasheet
423Kb / 9P
30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
30V Complementary MOSFET
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
30V Complementary MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG170C03LA1S HUAYI-HYG170C03LA1S Datasheet
1Mb / 14P
30V Complementary MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com