Electronic Components Datasheet Search
  English  ▼

X  

PCA9554BBS Datasheet (PDF) - NXP Semiconductors

PCA9554BBS Datasheet PDF - NXP Semiconductors
Part # PCA9554BBS
Download  PCA9554BBS Download
File Size   2481.41 Kbytes
Page   36 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up

PCA9554BBS Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9554BBS Datasheet PDF - NXP Semiconductors

Part # PCA9554BBS
Download  PCA9554BBS Click to download

File Size   2481.41 Kbytes
Page   36 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up

PCA9554BBS Datasheet (HTML) - NXP Semiconductors


PCA9554BBS Product details

General description
The PCA9554B and PCA9554C are low-voltage 8-bit General Purpose Input/Output (GPIO) expanders with interrupt for I2C-bus/SMBus applications. The only difference between the PCA9554B and PCA9554C is their I2C fixed address allowing a larger number of the same device on the I2C-bus with no chance of address conflict. NXP I/O expanders provide a simple solution when additional I/Os are needed while keeping interconnections to a minimum, for example, in ACPI power switches, sensors, push buttons, LEDs, fan control, etc.

Features and benefits
■ I2C-bus to parallel port expander
■ Operating power supply voltage range of 1.65 V to 5.5 V
■ Low standby current consumption:
    ◆ 1.5 μA (typical at 5 V VDD)
    ◆ 1.0 μA (typical at 3.3 V VDD)
■ Schmitt-trigger action allows slow input transition and better switching noise immunity at the SCL and SDA inputs
    ◆ Vhys = 0.10 x VDD (typical)
■ 5 V tolerant I/Os
■ Open-drain active LOW interrupt output (INT)
■ 400 kHz Fast-mode I2C-bus
■ Input/output configuration register
■ Polarity inversion register
■ Internal power-on reset
■ Power-up with all channels configured as inputs
■ No glitch on power-up
■ Latched outputs with 25 mA drive maximum capability for directly driving LEDs
■ Latch-up performance exceeds 100 mA per JESD78, Class II
■ ESD protection exceeds JESD22
    ◆ 2000 V Human Body Model (A114-A)
    ◆ 1000 V Charged-Device Model (C101)
■ Packages offered: TSSOP16 and HVQFN16




Similar Part No. - PCA9554BBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554BS PHILIPS-PCA9554BS Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554BS NXP-PCA9554BS Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554BS NXP-PCA9554BS Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554BS,118 NXP-PCA9554BS,118 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554BS3 NXP-PCA9554BS3 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
More results


Similar Description - PCA9554BBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9555A NXP-PCA9555A Datasheet
2Mb / 39P
Low-voltage 16-bit I2C-bus I/O port with interrupt and weak pull-up
Rev. 1-11 September 2012
PCAL9555A NXP-PCAL9555A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
Rev. 1-3 October 2012
PCAL9538A NXP-PCAL9538A Datasheet
2Mb / 43P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
Rev. 2-10 December 2012
PCAL9554B NXP-PCAL9554B Datasheet
2Mb / 42P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
Rev. 2-10 December 2012
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com