Electronic Components Datasheet Search
  English  ▼

X  

A8437 Datasheet (PDF) - Allegro MicroSystems

A8437 Datasheet PDF - Allegro MicroSystems
Part # A8437
Download  A8437 Download
File Size   635.9 Kbytes
Page   21 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Mobile Phone Xenon Photoflash Capacitor Charger

A8437 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8437 Datasheet PDF - Allegro MicroSystems

Part # A8437
Download  A8437 Click to download

File Size   635.9 Kbytes
Page   21 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Mobile Phone Xenon Photoflash Capacitor Charger

A8437 Datasheet (HTML) - Allegro MicroSystems


A8437 Product details

Description
The Allegro®A8437 Xenon photoflash charger IC is designed to meet the needs of ultra-low power, small form factor cameras, particularly camera-phones.
The charge current time is adjustable by setting the charge current limit from 0.4 to 1.2 A maximum. By using primaryside voltage sensing, the need for a secondary-side resistive voltage divider is eliminated. This has the additional benefit of reducing leakage currents on the secondary side of the transformer. To extend battery life, the A8437 features very low supply current draw—typically 0.1 μA in shutdown mode and 10 μA in standby mode.

Features and Benefits
▪ Low quiescent current draw (0.1 μA in shutdown mode)
▪ Primary-side output voltage sensing; no resistor divider
   required
▪ User-adjustable current limit from 0.4 to 1.2 A
▪ 1.1 V logic (VHI(min)) compatibility
▪ Integrated IGBT driver with separate sink and source (CG
   package) or common sink/source (EJ package)
▪ Flash dual trigger with interlock for increased noise
   immunity
▪ Optimized for mobile phone, 1-cell Li+ battery applications
▪ No primary-side Schottky diode needed
▪ Zero-voltage switching for lower loss
▪ >75% efficiency
▪ Optional regulation feature to maintain the output voltage
▪ Charge complete indication
▪ Integrated 40 V DMOS switch




Similar Part No. - A8437

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8437 ALLEGRO-A8437 Datasheet
644Kb / 22P
Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
More results


Similar Description - A8437

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
Photoflash Capacitor Charger in ThinSOT
logo
Aimtron Technology
AT1452 AIMTRON-AT1452 Datasheet
604Kb / 17P
Photoflash Capacitor Charger for DSC
AT1454 AIMTRON-AT1454 Datasheet
494Kb / 18P
Photoflash Capacitor Charger for DSC
logo
ON Semiconductor
NCP5080 ONSEMI-NCP5080 Datasheet
439Kb / 12P
Xenon Photoflash Capacitor Charge with Photo Sense Interface
July, 2007 - Rev. 1
logo
Allegro MicroSystems
A8732 ALLEGRO-A8732 Datasheet
552Kb / 20P
Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8735 ALLEGRO-A8735 Datasheet
478Kb / 16P
Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
High Current Photoflash Capacitor Charger
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
Global Mixed-mode Techn...
G2109 GMT-G2109 Datasheet
25Kb / 1P
Photoflash Capacitor Charger for DSC
logo
Allegro MicroSystems
A8740 ALLEGRO-A8740 Datasheet
480Kb / 18P
Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com