Electronic Components Datasheet Search
  English  ▼

X  

A8515 Datasheet (PDF) - Allegro MicroSystems

A8515 Datasheet PDF - Allegro MicroSystems
Part # A8515
Download  A8515 Download
File Size   1183.79 Kbytes
Page   34 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description The A8515 is a multi-output white LED (WLED) driver for LCD backlighting in consumer and industrial displays.

A8515 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8515 Datasheet PDF - Allegro MicroSystems

Part # A8515
Download  A8515 Click to download

File Size   1183.79 Kbytes
Page   34 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description The A8515 is a multi-output white LED (WLED) driver for LCD backlighting in consumer and industrial displays.

A8515 Datasheet (HTML) - Allegro MicroSystems


A8515 Product details

Description
The A8515 is a multi-output white LED (WLED) driver for LCD backlighting in consumer and industrial displays. It integrates a current-mode boost converter with an internal power DMOS switch and two current sinks. The boost converter can drive up to 24 LEDs: 12 LEDs per string at 120 mA. The LED sinks can be paralleled together to achieve higher LED currents, up to 240 mA. The A8515 can operate from a single power supply, from 5 to 40 V.

Features and Benefits
• Wide input voltage range: 5 to 40 V
• Maximum LED current of 120 mA
• TSSOP-16 (LP) package; exposed pad offers best-in-class thermal performance
• Typical LED accuracy of 0.5%, and 0.5% for LED-to-LED matching
• Internal bias supply for single-supply operation (typically between VIN = 8 to 24 V)
• Integrated boost converter with 60 V DMOS switch with overvoltage protection (OVP)
• Drives up to 12 series LEDs in 2 parallel strings
• Single EN/PWM pin interface for both PWM dimming and enable function
• Sync function to synchronize boost converter switching frequencies up to 2.3 MHz, this gives the designer the ability minimize component size
• Provides driver for external PMOS input disconnect switch
• Protection features:
   ▫ Open or shorted VLED pin protection
   ▫ Open Schottky protection
   ▫ Cycle-by-cycle current limit
   ▫ Overtemperature protection (OTP)
   ▫ Output short circuit protection

Applications
• Desktop LCD flat panel displays (FPD)
• Flat panel video displays
• LCD TVs and monitors




Similar Part No. - A8515

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
More results


Similar Description - A8515

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
logo
STMicroelectronics
STEVAL-ILL028V1 STMICROELECTRONICS-STEVAL-ILL028V1 Datasheet
302Kb / 7P
RGB LED driver for color displays and backlighting based on the STP1612PW05 and STM32
16-Jun-2010
logo
Allegro MicroSystems
A8514 ALLEGRO-A8514 Datasheet
1Mb / 35P
The A8514 is a multi-output white LED driver for small-size LCD backlighting.
A8516 ALLEGRO-A8516 Datasheet
554Kb / 17P
The A8516 is a multi-output WLED/RGB driver for backlighting LCD monitors and televisions.
A8521 ALLEGRO-A8521 Datasheet
1Mb / 35P
The A8521 is a multi-output white LED driver for small-size LCD backlighting.
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com