Electronic Components Datasheet Search
  English  ▼

X  

AD7176-2 Datasheet (PDF) - Analog Devices

AD7176-2 Datasheet PDF - Analog Devices
Part # AD7176-2
Download  AD7176-2 Download
File Size   959.6 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed 誇-? analog-to-digital converter (ADC) for low band-width input signals.

AD7176-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7176-2 Datasheet PDF - Analog Devices

Part # AD7176-2
Download  AD7176-2 Click to download

File Size   959.6 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed 誇-? analog-to-digital converter (ADC) for low band-width input signals.

AD7176-2 Datasheet (HTML) - Analog Devices


AD7176-2 Product details

GENERAL DESCRIPTION
The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed Σ-Δ analog-to-digital converter (ADC) for low bandwidth input signals. Its inputs can be configured as two fully differential or four pseudo differential inputs via the integrated crosspoint multiplexer. An integrated precision, 2.5 V, low drift (2 ppm/°C), band gap internal reference (with an output reference buffer) adds functionality and reduces the external component count.

FEATURES
    Fast and flexible output rate—5 SPS to 250 kSPS
    Fast settling time—20 µs
    Channel scan data rate of 50 kSPS/channel
    Performance specifications
        17 noise free bits at 250 kSPS
        20 noise free bits at 2.5 kSPS
        22 noise free bits at 5 SPS
        INL ±2.5 ppm of FSR
    85 dB rejection of 50 Hz and 60 Hz with 50 ms settling
    User-configurable input channels
        2 fully differential or 4 pseudo differential
        Crosspoint multiplexer
    On-chip 2.5 V reference (drift 2 ppm/°C)
    Internal oscillator, external crystal, or external clock
    Power supply
        Single supply: 5 V AVDD1, 2 V to 5 V AVDD2 and IOVDD
        Optional split supply: AVDD1 and AVSS ± 2.5 V
    Current: 7.8 mA
    Temperature range: −40°C to +105°C
    3- or 4-wire serial digital interface (Schmitt trigger on SCLK)
        CRC error checking
        SPI, QSPI, MICROWIRE, and DSP compatible

APPLICATIONS
    Process control: PLC/DCS modules
        Temperature and pressure measurement
    Medical and scientific multichannel instrumentation
    Chromatography




Similar Part No. - AD7176-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
12-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Similar Description - AD7176-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
High-Resolution Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
Analog-to-Digital Converter (ADC)
Rev. B
logo
Texas Instruments
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
High-Resolution, Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
High-Resolution, Analog-to-Digital Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com