Electronic Components Datasheet Search
  English  ▼

X  

MCP16321 Datasheet (PDF) - Microchip Technology

MCP16321 Datasheet PDF - Microchip Technology
Part # MCP16321
Download  MCP16321 Download
File Size   221.55 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description This chapter contains general information that will be useful to know before using the MCP16321 Evaluation

MCP16321 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP16321 Datasheet PDF - Microchip Technology

Part # MCP16321
Download  MCP16321 Click to download

File Size   221.55 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description This chapter contains general information that will be useful to know before using the MCP16321 Evaluation

MCP16321 Datasheet (HTML) - Microchip Technology


MCP16321 Product details

Description
The MCP16321/2 is a highly integrated, high-efficiency, fixed frequency, synchronous step-down DC-DC converter in a 16-pin QFN package that operates from input voltages up to 24V. Integrated features include a high-side and low-side N-Channel switch, fixed frequency Peak Current Mode Control, internal compensation, peak current limit, VOUT overvoltage protection and overtemperature protection. Minimal external components are necessary to develop a complete synchronous step-down DC-DC converter power supply.

Features
• Up to 95% Typical Efficiency
• Input Voltage Range: 6.0V to 24V
• 1A Output Current (MCP16321)
• 2A Output Current (MCP16322)
• Fixed Output Voltages: 0.9V, 1.5V, 1.8V, 2.5V,
   3.3V, 5V with 2% Output Voltage Accuracy
• Adjustable Version Output Voltage Range:
   0.9V to 5V with 1.5% Reference Voltage Accuracy
• Integrated N-Channel High-Side Switch: 180 mΩ
• Integrated N-Channel Low-Side Switch: 120 mΩ
• 1 MHz Fixed Frequency
• Low Device Shutdown Current
• Peak Current Mode Control
• Internal Compensation
• Stable with Ceramic Capacitors
• Internal Soft-Start
• Cycle-by-Cycle Peak Current Limit
• Undervoltage Lockout (UVLO): 5.75V
• Overtemperature Protection
• VOUT Overvoltage Protection
• VOUT Voltage Supervisor Reported at the PG Pin
• Available Package: QFN-16 (3x3 mm)

Applications
• PIC®/dsPIC® Microcontroller Bias Supply
• 12V Industrial Input DC-DC Conversion
• Set-Top Boxes
• DSL Cable Modems
• Automotive
• Wall Cube Regulation
• SLA Battery Powered Devices
• AC-DC Digital Control Power Source
• Power Meters
• Consumer
• Medical and Health Care
• Distributed Power Supplies




Similar Part No. - MCP16321

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16321 MICROCHIP-MCP16321 Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
MCP16321T-150E MICROCHIP-MCP16321T-150E Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
MCP16321T-150E/NG MICROCHIP-MCP16321T-150E/NG Datasheet
678Kb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator
07/14/15
MCP16321T-150NG MICROCHIP-MCP16321T-150NG Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
MCP16321T-180E MICROCHIP-MCP16321T-180E Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
More results


Similar Description - MCP16321

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323 Datasheet
226Kb / 18P
This chapter contains general information that will be useful to know before using the MCP16323 Evaluation Board. Items discussed in this chapter include:
2011
MCP16322 MICROCHIP-MCP16322 Datasheet
225Kb / 18P
This chapter contains general information that will be useful to know before using the MCP16322 Evaluation Board. Items discussed in this chapter include:
2011
logo
Molex Electronics Ltd.
0398801205 MOLEX11-0398801205 Datasheet
77Kb / 1P
This drawing contains information that is proprietary to molex incorporated and should...
logo
Integrated Device Techn...
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
This chapter discusses the following
logo
Molex Electronics Ltd.
1120380003 MOLEX-1120380003 Datasheet
1Mb / 5P
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
2015/05/20
1120380006 MOLEX-1120380006 Datasheet
1Mb / 5P
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
2015/01/26
1120380018 MOLEX-1120380018 Datasheet
1Mb / 5P
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
2015/05/20
1120380019 MOLEX-1120380019 Datasheet
1Mb / 5P
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
2015/05/20
1120380024 MOLEX-1120380024 Datasheet
1Mb / 5P
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
2015/06/25
1120920010 MOLEX-1120920010 Datasheet
739Kb / 4P
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
2015/06/25
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com