Electronic Components Datasheet Search
  English  ▼

X  

W83626D Datasheet (PDF) - Winbond

W83626D Datasheet PDF - Winbond
Part # W83626D
Download  W83626D Download
File Size   343.12 Kbytes
Page   9 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description LPC-to-ISA Bridge

W83626D Datasheet (PDF)

Go To PDF Page Download Datasheet
W83626D Datasheet PDF - Winbond

Part # W83626D
Download  W83626D Click to download

File Size   343.12 Kbytes
Page   9 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description LPC-to-ISA Bridge

W83626D Datasheet (HTML) - Winbond


W83626D Product details

GENERAL DESCRIPTION

W83626F/W83626D/W83626G is a transparent LPC-to-ISA bus conversion IC.

For the new generation Intel chipset Camino and Whitney, SiS Super South 960,featuring LPC bus, there is no support for ISA bus and slots. However,the demand of ISA devices still exists. For such case, W83626F/G is the best companion solution for the non-ISA chipset. Also the packages of W83626F/G had been chosen to be the most economic solution for save the M/B board layout size and cost.



FEATURES

LPC to ISA Bridge

• Meet LPC Spec. 1.1

• Support LDRQ# (LPC DMA), SERIRQ (serial IRQ)

• Full ISA Bus Support except ISA Bus Masters, 16 bit I/O and Memory R/W

• 5V ISA and 3.3V LPC interfaces

•All Software Transparent

• IRQ Serializer for ISA Parallel IRQ transfer to Serial IRQ

• Supports 3 fully ISA Compatible Slots without Buffering

• LPC Bus at 33MHz

• Supports Programmable ISA Bus Divide the PCI Clock into 3 or 4

• All ISA Signals can be Isolated

• 14.318MHz in to generate two 14.318MHz buffer out and one 24.576MHz

• Specific Keyboard Functions supported

• Support 8 programmable general purpose I/O pins

• Supports Configuration registers for programming performance



 




Similar Part No. - W83626D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83626D WINBOND-W83626D Datasheet
235Kb / 23P
LPC TO ISA BRIDGE SET
More results


Similar Description - W83626D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
PC87200 PCI to ISA Bridge
logo
Winbond
W83628F WINBOND-W83628F Datasheet
271Kb / 25P
PCI TO ISA BRIDGE SET
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
PCI TO ISA BRIDGE SET
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
LPC TO ISA BRIDGE SET
logo
Feature Integration Tec...
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
ISA/LPC to 6 UART Datasheet
F85226 FINTEK-F85226 Datasheet
1Mb / 44P
LPC to ISA Bridge
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
2-slot CardBus Module PCI to ISA Bridge Module
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
LPC to ISA Bridge
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
PCI TO ISA BRIDGE
logo
Microchip Technology
ECE1200 MICROCHIP-ECE1200 Datasheet
990Kb / 87P
eSPI to LPC Bridge
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com