Electronic Components Datasheet Search
  English  ▼

X  

10TPB330M Datasheet (PDF) - Intersil Corporation

10TPB330M Datasheet PDF - Intersil Corporation
Part # 10TPB330M
Download  10TPB330M Download
File Size   1952.95 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 15A/Single 30A Step-Down Power Module

10TPB330M Datasheet (PDF)

Go To PDF Page Download Datasheet
10TPB330M Datasheet PDF - Intersil Corporation

Part # 10TPB330M
Download  10TPB330M Click to download

File Size   1952.95 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 15A/Single 30A Step-Down Power Module

10TPB330M Datasheet (HTML) - Intersil Corporation


10TPB330M Product details

Dual 15A/Single 30A Step-Down Power Module

The ISL8225M is a fully-encapsulated step-down switching power supply that can deliver up to 100W output power from a small 17mm square PCB footprint. The two 15A outputs may be used independently or combined to deliver a single 30A output. Designing a high-performance board-mounted power supply has never been simpler -- only a few external components are needed to create a very dense and reliable power solution.

Features
• Fully-encapsulated dual step-down switching power supply
• Up to 100W output from a 17mm square PCB footprint
• Dual 15A or single 30A output
• Up to 95% conversion efficiency
• 4.5V to 20V input voltage range
• 0.6V to 6V output voltage range
• 1.5% output voltage accuracy with differential remote sensing
• Up to six modules may be paralleled to support 180A output current
• Output over-voltage, over-current and over-temperature protection
• Full power operation without heat sinks or fans
• QFN package with exposed leads permits easy probing and visual solder inspection

Applications
• Computing, networking and telecom infrastructure equipment
• Industrial and medical equipment
• General purpose point-of-load (POL) power




Similar Part No. - 10TPB330M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
10TPB330M INTERSIL-10TPB330M Datasheet
1Mb / 7P
ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
December 3, 2012
10TPB330M INTERSIL-10TPB330M Datasheet
2Mb / 9P
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
December 6, 2012
logo
Sanyo Semicon Device
10TPB330M SANYO-10TPB330M Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
logo
Intersil Corporation
10TPB330M INTERSIL-10TPB330M Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
logo
Panasonic Semiconductor
10TPB330M PANASONIC-10TPB330M Datasheet
53Kb / 1P
Surface Mount Type
More results


Similar Description - 10TPB330M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M_13 Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
22V, 15A Synchronous Step Down COT Power Module
logo
Renesas Technology Corp
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
15A 42V Single-Channel DC/DC Step-Down Power Module
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
Dual 15A/Single 30A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
30A/30A Dual-Channel Digital PMBus Step-Down Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
18V 15A Step-Down Power Module Evaluation Board
logo
Renesas Technology Corp
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
15A High Efficiency Step-Down Power Module
Feb 15, 2019
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com