Electronic Components Datasheet Search
  English  ▼

X  

W24257 Datasheet (PDF) - Winbond

W24257 Datasheet PDF - Winbond
Part # W24257
Download  W24257 Download
File Size   226.65 Kbytes
Page   11 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 32K X 8 High Speed CMOS Static RAM

W24257 Datasheet (PDF)

Go To PDF Page Download Datasheet
W24257 Datasheet PDF - Winbond

Part # W24257
Download  W24257 Click to download

File Size   226.65 Kbytes
Page   11 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 32K X 8 High Speed CMOS Static RAM

W24257 Datasheet (HTML) - Winbond


W24257 Product details

GENERAL DESCRIPTION
The W24257A is a high speed, low power CMOS static RAM organized as 32768 ´ 8 bits that operates on a single 5-volt power supply. This device is manufactured using Winbonds high performance CMOS technology.

FEATURES
• High speed access time: 10/12/15/20 nS (max.)
• Low power consumption: - Active: 400 mW (typ.)
• Single +5V power supply
• Fully static operation
• All inputs and outputs directly TTL compatible
• Three-state outputs
• Available packages: 28-pin 300 mil SOJ, 330 mil SOP, skinny DIP and standard type one TSOP (8 mm ´ 13.4 mm)




Similar Part No. - W24257

ManufacturerPart #DatasheetDescription
logo
Winbond
W24257 WINBOND-W24257 Datasheet
106Kb / 10P
32K X 8 CMOS STATIC RAM
W24257A-35 WINBOND-W24257A-35 Datasheet
188Kb / 8P
32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
32K X 8 High Speed CMOS Static RAM
W24257Q-70L WINBOND-W24257Q-70L Datasheet
106Kb / 10P
32K X 8 CMOS STATIC RAM
W24257Q-70L WINBOND-W24257Q-70L Datasheet
557Kb / 10P
32K 횞 8 CMOS STATIC RAM
More results


Similar Description - W24257

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
32K X 8 High Speed CMOS Static RAM
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
32K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL_06 Datasheet
98Kb / 12P
32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
32K X 8 HIGH SPEED CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com