Electronic Components Datasheet Search
  English  ▼

X  

I5216SD Datasheet (PDF) - Winbond

I5216SD Datasheet PDF - Winbond
Part # I5216SD
Download  I5216SD Download
File Size   758.72 Kbytes
Page   83 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8 TO 16 MINUTE VOICE RECORD/PLAYBACK SYSTEM WITH INTEGRATED CODEC

I5216SD Datasheet (PDF)

Go To PDF Page Download Datasheet
I5216SD Datasheet PDF - Winbond

Part # I5216SD
Download  I5216SD Click to download

File Size   758.72 Kbytes
Page   83 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8 TO 16 MINUTE VOICE RECORD/PLAYBACK SYSTEM WITH INTEGRATED CODEC

I5216SD Datasheet (HTML) - Winbond


I5216SD Product details

GENERAL DESCRIPTION

The ChipCorder I5216 is an 8 to 16 minute Voice and Data Record and Playback system with integrated Voice band CODEC. The device works on a single 2.7V to 3.3V supply, and has fully integrated system functions, including: AGC, microphone preamplifier, speaker driver, memory and CODEC. The CODEC meets the PCM conformance specification of the G.714 recommendation. Its µ-Law and A-law compander meets the specification of the ITU-T G.711 recommendation.



FEATURES

• Single Supply 2.7 to 3.3 Volt operation

• Voice and digital data record and playback system on a single chip

• Industry-leading sound quality

• Low voltage operation

• Message management

• Fully integrated system functions

• Flexible architecture

• Nonvolatile message storage

• Configurable ChipCorder sampling rates of 4 kHz, 5.3kHz, 6.4 kHz and 8kHz

• 8, 10, 12 and 16 minutes duration

• External or internal Voice recorder clock

• I2C serial interface (400kHz)

• Configurable analog paths

• 2.2V Microphone Bias Pin

• 100 year message retention (typical)

• 100K analog record cycles (typical)

• 10K digital record cycles (typical)

• Full-duplex (not in I2S mode) single channel speech CODEC with :

    o External 13.824 MHz, 27.648 MHz, 20.48 MHz or 40.96 MHz master clock

    o I2S and PCM digital audio interface ports

    o Serial transfer data rate from 64 to 3072 Kbps

    o Short and Long frame sync formats

    o 2s complement and signed magnitude data format

    o Complete µ-Law and A-Law companding

    o Linear 14 bit ∆Σ PCM CODEC-filter for A/D and D/A converter

    o 8 kHz or 44.1 kHz – 48 kHz digital audio sampling rate options

    o Analog receive and transmit gain adjust

    o Configurable setup through the I2C interface



 




Similar Part No. - I5216SD

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
I5216SYI NUVOTON-I5216SYI Datasheet
2Mb / 76P
8 to 16 minutes voice record/playback device with integrated codec
More results


Similar Description - I5216SD

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
Voice Recording & Playback Device 16 Minute Duration
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
UT53108 ETC-UT53108 Datasheet
123Kb / 9P
VOICE RECORD PLAYBACK IC
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Winbond
ISD5216 WINBOND-ISD5216 Datasheet
592Kb / 75P
8 to 16 minutes voice record/playback device with integrated codec
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD5216 NUVOTON-ISD5216 Datasheet
2Mb / 76P
8 to 16 minutes voice record/playback device with integrated codec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com