Electronic Components Datasheet Search
  English  ▼

X  

ICX279AL Datasheet (PDF) - Sony Corporation

ICX279AL Datasheet PDF - Sony Corporation
Part # ICX279AL
Download  ICX279AL Download
File Size   191.65 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras

ICX279AL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX279AL Datasheet PDF - Sony Corporation

Part # ICX279AL
Download  ICX279AL Click to download

File Size   191.65 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras

ICX279AL Datasheet (HTML) - Sony Corporation


ICX279AL Product details

Description
The ICX279AL is an interline CCD solid-state image sensor suitable for CCIR B/W video cameras with a diagonal 4.5mm (Type 1/4) system. Compared with the current product ICX209AL, basic characteristics such as sensitivity, smear and dynamic range are improved drastically from visible light region to near infrared light region through the adoption of EXview HAD CCDTM technology.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.
The package is a 10mm-square 14-pin DIP (Plastic).

Features
• Sensitivity in near infrared light region (+5dB compared with the ICX209AL, λ = 945nm)
• High sensitivity (+6dB compared with the ICX209AL, no IR cut filter)
• Low smear (–20dB compared with the ICX209AL)
• High D range (+2dB compared with the ICX209AL)
• Horizontal register: 3.3 to 5V drive
• Reset gate: 3.3 to 5V drive
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• High resolution and low smear
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Recommended range of exit pupil distance: –20 to –100mm




Similar Part No. - ICX279AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX279AK SONY-ICX279AK Datasheet
204Kb / 19P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results


Similar Description - ICX279AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX086AL SONY-ICX086AL Datasheet
213Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX087AL SONY-ICX087AL Datasheet
214Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX207AL SONY-ICX207AL Datasheet
218Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX229AL SONY-ICX229AL Datasheet
197Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX227AL SONY-ICX227AL Datasheet
204Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX226AL SONY-ICX226AL Datasheet
196Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com