Electronic Components Datasheet Search
  English  ▼

X  

ICX278 Datasheet (PDF) - Sony Corporation

ICX278 Datasheet PDF - Sony Corporation
Part # ICX278
Download  ICX278 Download
File Size   203.68 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras

ICX278 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX278 Datasheet PDF - Sony Corporation

Part # ICX278
Download  ICX278 Click to download

File Size   203.68 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras

ICX278 Datasheet (HTML) - Sony Corporation


ICX278 Product details

Description

The ICX278AK is an interline CCD solid-state image sensor suitable for NTSC color video cameras with a diagonal 4.5mm (Type 1/4) system. Compared with the current product ICX208AK, basic characteristics such as sensitivity, smear and dynamic range are improved drastically through the adoption of EXview HAD CCDTM technology. This chip features a field period readout system and an electronic shutter with variable charge-storage time. The package is a 10mm-square 14-pin DIP (Plastic). EXview HAD CCDTM has different spectral characteristics from the current CCD.



Features

• High sensitivity (+5dB compared with the ICX208AK)

• Low smear (–20dB compared with the ICX208AK)

• High D range (+2dB compared with the ICX208AK)

• Horizontal register: 3.3 to 5.0V drive

• Reset gate: 3.3 to 5.0V drive

• No voltage adjustment

(Reset gate and substrate bias are not adjusted.)

• High resolution, low smear and low dark current

• Excellent antiblooming characteristics

• Continuous variable-speed shutter

• Recommended range of exit pupil distance: –20 to –100mm

• Ye, Cy, Mg, and G complementary color mosaic filters on chip



Device Structure

• Interline CCD image sensor

• Image size: Diagonal 4.5mm (Type 1/4)

• Number of effective pixels: 768 (H) × 494 (V) approx. 380K pixels

• Total number of pixels: 811 (H) × 508 (V) approx. 410K pixels

• Chip size: 4.43mm (H) ×3.69mm (V)

• Unit cell size: 4.75µm (H) × 5.55µm (V)

• Optical black: Horizontal (H) direction: Front 3 pixels, rear 40 pixels

Vertical (V) direction: Front 12 pixels, rear 2 pixels

• Number of dummy bits: Horizontal 22

Vertical 1 (even fields only)

• Substrate material: Silicon




Similar Part No. - ICX278

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results


Similar Description - ICX278

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX068AK SONY-ICX068AK Datasheet
232Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AKB SONY-ICX068AKB Datasheet
197Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AK SONY-ICX086AK Datasheet
223Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AKB SONY-ICX086AKB Datasheet
188Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX088AK SONY-ICX088AK Datasheet
261Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AK SONY-ICX206AK Datasheet
228Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AKB SONY-ICX206AKB Datasheet
193Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX208AK SONY-ICX208AK Datasheet
230Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX226AK SONY-ICX226AK Datasheet
257Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX228AK SONY-ICX228AK Datasheet
260Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com