Electronic Components Datasheet Search
  English  ▼

X  

ICX089AK Datasheet (PDF) - Sony Corporation

ICX089AK Datasheet PDF - Sony Corporation
Part # ICX089AK
Download  ICX089AK Download
File Size   262.71 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras

ICX089AK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX089AK Datasheet PDF - Sony Corporation

Part # ICX089AK
Download  ICX089AK Click to download

File Size   262.71 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras

ICX089AK Datasheet (HTML) - Sony Corporation


ICX089AK Product details

Description
The ICX089AK is an interline CCD solid-state image sensor suitable for PAL color digital video cameras. This chip supports DV standard SD mode, and can drive at 13.5MHz.
High sensitivity, wide dynamic range and low dark current are achieved through the adoption of Super HAD CCD technology. In addition, high resolution is achieved through the adoption of Ye, Cy, Mg and G complementary color mosaic filters.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.
The package is a 14-pin DIP (Plastic), and both top and bottom surface reference can be assured at the same time.

Features
• Supports DV standard SD mode (13.5MHz)
• High resolution, high sensitivity and wide dynamic range
• Low dark current and low smear
• Excellent antiblooming characteristics
• Supply voltage: 12V
• Horizontal register drive amplitude: 2.7 to 3.6V
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• Continuous variable-speed shutter
• Recommended range of exit pupil distance: –20 to –100mm
• Ye, Cy, Mg and G complementary color mosaic filters on chip
• 14-pin high precision plastic package (both top and bottom surface reference possible)




Similar Part No. - ICX089AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX084 SONY-ICX084 Datasheet
201Kb / 18P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results


Similar Description - ICX089AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX069AK SONY-ICX069AK Datasheet
233Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AKB SONY-ICX069AKB Datasheet
198Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX087AK SONY-ICX087AK Datasheet
223Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX087AKB SONY-ICX087AKB Datasheet
189Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX207AK SONY-ICX207AK Datasheet
229Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AK SONY-ICX209AK Datasheet
230Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AKB SONY-ICX209AKB Datasheet
195Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX227AK SONY-ICX227AK Datasheet
258Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX229AK SONY-ICX229AK Datasheet
260Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX279AK SONY-ICX279AK Datasheet
204Kb / 19P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com