Electronic Components Datasheet Search
  English  ▼

X  

ICX076 Datasheet (PDF) - Sony Corporation

ICX076 Datasheet PDF - Sony Corporation
Part # ICX076
Download  ICX076 Download
File Size   250.31 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 3.6mm (Type 1/5) CCD Image Sensor for EIA Black-and-White Video Cameras

ICX076 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX076 Datasheet PDF - Sony Corporation

Part # ICX076
Download  ICX076 Click to download

File Size   250.31 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 3.6mm (Type 1/5) CCD Image Sensor for EIA Black-and-White Video Cameras

ICX076 Datasheet (HTML) - Sony Corporation


ICX076 Product details

Description

The ICX076AL is an interline CCD solid-state image sensor suitable for EIA black-and-white video cameras. High sensitivity and low dark current are achieved through the adoption of HAD (Hole Accumulation Diode) sensors.

This chip features a field integration readout system and an electronic shutter with variable charge-storage time.

The package is a 10mm-square 14-pin DIP (Plastic).



Features

• High sensitivity and low dark current

• 6.75MHz horizontal drive frequency employed

• Electronic iris, backlight compensation function (when CXD2409 is used)

• Low smear

• Excellent antiblooming characteristics

• Horizontal register: 5V drive

• Reset gate: 5V drive (no bias adjustment)



 




Similar Part No. - ICX076

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX076 SONY-ICX076 Datasheet
259Kb / 19P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for NTSC Color Video Cameras
ICX076AK SONY-ICX076AK Datasheet
259Kb / 19P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for NTSC Color Video Cameras
More results


Similar Description - ICX076

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX038DLA SONY-ICX038DLA Datasheet
217Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX038DLB SONY-ICX038DLB Datasheet
201Kb / 19P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX039DLA SONY-ICX039DLA Datasheet
218Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX039DLB SONY-ICX039DLB Datasheet
202Kb / 19P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX058CL SONY-ICX058CL Datasheet
203Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA Black-and-White Video Camera
ICX076AK SONY-ICX076AK Datasheet
259Kb / 19P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for NTSC Color Video Cameras
ICX077AK SONY-ICX077AK Datasheet
259Kb / 19P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for PAL Color Video Cameras
ICX077AL SONY-ICX077AL Datasheet
249Kb / 18P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX248AL SONY-ICX248AL Datasheet
220Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com